Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ485 Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza 2SJ485
Descripción Electrónicos  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ485 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SJ485 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ485 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ485 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ485 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ485
No.6434–3/4
0
--2
--4
--6
--8
--10
--12
--14
--16
--18
--20
0
0.1
0.2
0.3
0.4
0.5
0.6
RDS(on) -- VGS
IT01002
Tc=25
°C
ID=--2A
IT01003
RDS(on) -- Tc
--60
--40
--20
0
20
40
60
80
100
120
140
160
0
0.1
0.2
0.3
0.4
0.5
0.6
I D
=–2A,
V GS
=–4V
I D
=–2A,
V GS
=–10V
IT00999
ID -- VDS
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
VGS=--3V
IT01000
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
--4.5
0
--1.0
--2.0
--3.0
--5.0
--4.0
--6.0
--8.0
--7.0
VDS=--10V
ID -- VGS
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Gate-to-Source Voltage, VGS –V
Case Temperature, Tc – ˚C
PT
IT01005
--0.1
--1.0
--10
23
5
7
23
5
7
1.0
2
3
5
7
10
2
3
5
7
100
2
3
5
7
1000
VDD=--30V
VGS=--10V
td(on)
t r
td(off)
tf
SW Time -- ID
IT01004
Ciss, Coss, Crss -- VDS
0
--10
--20
--30
--40
--50
--60
10
2
3
5
7
2
3
5
7
100
1000
f=1MHz
Ciss
Coss
Crss
10
IT01001
Tc=-
-25
°C
25
°C
75
°C
VDS=--10V
--0.01
--0.1
--10
7
5
3
2
7
5
3
2
7
5
3
2
--1.0
7
5
3
2
1.0
7
5
3
2
0.1
yfs -- ID
IT01009
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--10
7
5
2
--1.0
3
7
5
2
3
7
5
2
3
--0.1
--0.01
VGS=0
IF -- VSD
Drain Current, ID –A
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Diode Forward Voltage, VSD –V


Número de pieza similar - 2SJ485

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
2SJ485 VBSEMI-2SJ485 Datasheet
989Kb / 8P
   P-Channel 60-V (D-S) MOSFET
More results

Descripción similar - 2SJ485

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com