Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL22511 Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL22511
Descripción Electrónicos  Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22511 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL22511 Datasheet HTML 4Page - Intersil Corporation ISL22511 Datasheet HTML 5Page - Intersil Corporation ISL22511 Datasheet HTML 6Page - Intersil Corporation ISL22511 Datasheet HTML 7Page - Intersil Corporation ISL22511 Datasheet HTML 8Page - Intersil Corporation ISL22511 Datasheet HTML 9Page - Intersil Corporation ISL22511 Datasheet HTML 10Page - Intersil Corporation ISL22511 Datasheet HTML 11Page - Intersil Corporation ISL22511 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN6678.1
July 16, 2009
Typical Performance Curves
FIGURE 1. WIPER RESISTANCE vs TAP POSITION
[ I(RW) = VCC/RTOTAL ] FOR 10kΩ (W)
FIGURE 2. STANDBY ICC vs TEMPERATURE
FIGURE 3. DNL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 4. INL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 5. ZS ERROR vs TEMPERATURE
FIGURE 6. FS ERROR vs TEMPERATURE
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
TAP POSITION (DECIMAL)
+125°C
+25°C
-40°C
VCC = 5.5V
0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-15
10
35
60
85
110
TEMPERATURE (°C)
VCC = 2.7V
VCC = 5.5V
-0.010
-0.005
0.000
0.005
0.010
0
5
10
15
20
25
30
TAP POSITION (DECIMAL)
VCC = 2.7V
VCC = 5.5V
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0
5
10
15
20
25
30
TAP POSITION (DECIMAL)
VCC = 5.5V
VCC = 2.7V
0
0.001
0.002
0.003
0.004
0.005
0.006
-40
-15
10
35
60
85
110
TEMPERATURE (°C)
VCC = 5.5V
VCC = 2.7V
-0.5
-0.4
-0.3
-0.2
-0.1
0
-40
-15
10
35
60
85
110
VCC = 5.5V
VCC = 2.7V
TEMPERATURE (°C)
ISL22511


Número de pieza similar - ISL22511

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL22511 INTERSIL-ISL22511 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Intersil Corporation
ISL22511UFB8Z INTERSIL-ISL22511UFB8Z Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
logo
Renesas Technology Corp
ISL22511UFB8Z RENESAS-ISL22511UFB8Z Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Intersil Corporation
ISL22511UFRU10Z-TK INTERSIL-ISL22511UFRU10Z-TK Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
More results

Descripción similar - ISL22511

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
logo
Intersil Corporation
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
ISL22512WFB8Z INTERSIL-ISL22512WFB8Z Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com