Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL22429 Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL22429
Descripción Electrónicos  Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22429 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL22429 Datasheet HTML 1Page - Intersil Corporation ISL22429 Datasheet HTML 2Page - Intersil Corporation ISL22429 Datasheet HTML 3Page - Intersil Corporation ISL22429 Datasheet HTML 4Page - Intersil Corporation ISL22429 Datasheet HTML 5Page - Intersil Corporation ISL22429 Datasheet HTML 6Page - Intersil Corporation ISL22429 Datasheet HTML 7Page - Intersil Corporation ISL22429 Datasheet HTML 8Page - Intersil Corporation ISL22429 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6333.3
July 17, 2009
VIH
SHDN, SCK, SDI, and CS input buffer
HIGH voltage
0.7*VCC
VCC+0.3
V
Hysteresis
SHDN, SCK, SDI, and CS input buffer
hysteresis
0.05*
VCC
V
VOL
SDO output buffer LOW voltage
IOL = 4mA
0
0.4
V
Rpu
(Note 12)
SDO pull-up resistor off-chip
Maximum is determined by tRO and tFO with
maximum bus load Cbus = 30pF, fSCK =
5MHz
2k
Ω
Cpin
(Note 13)
SHDN, SCK, SDI, SDO and CS pin
capacitance
10
pF
fSCK
SPI frequency
5MHz
tCYC
SPI clock cycle time
200
ns
tWH
SPI clock high time
100
ns
tWL
SPI clock low time
100
ns
tLEAD
Lead time
250
ns
tLAG
Lag time
250
ns
tSU
SDI, SCK and CS input setup time
50
ns
tH
SDI, SCK and CS input hold time
50
ns
tRI
SDI, SCK and CS input rise time
10
ns
tFI
SDI, SCK and CS input fall time
10
20
ns
tDIS
SDO output Disable time
0
100
ns
tV
SDO output valid time
350
ns
tHO
SDO output hold time
0
ns
tRO
SDO output rise time
Rpu = 2k, Cbus = 30pF
60
ns
tFO
SDO output fall time
Rpu = 2k, Cbus = 30pF
60
ns
tCS
CS deselect time
2µs
tWRT
Wiper Response Time after SPI write
to WR register
1.5
µs
NOTES:
3. Typical values are for TA = +25°C and 3.3V supply voltage.
4. LSB: [V(RW)127 – V(RW)0]/127. V(RW)127 and V(RW)0 are V(RW) for the DCP register set to 7F hex and 00 hex respectively. LSB is the
incremental voltage when changing from one tap to an adjacent tap.
5. ZS error = V(RW)0/LSB.
6. FS error = [V(RW)127 – VCC]/LSB.
7. DNL = [V(RW)i – V(RW)i-1]/LSB-1, for i = 1 to 127. i is the DCP register setting.
8. INL = [V(RW)i – i • LSB – V(RW)]/LSB for i = 1 to 127
9. VMATCH = [V(RWx)i – V(RWy)i]/LSB, for i = 1 to 127, x = 0 to 3 and y = 0 to 3.
10.
for i = 16 to 112 decimal, T = -40°C to +125°C. Max( ) is the maximum value of the wiper
voltage and Min ( ) is the minimum value of the wiper voltage over the temperature range.
11. tWC is the time from the end of a Write sequence of SPI serial interface, to the end of the self-timed internal non-volatile write cycle.
12. Rpu is specified for the highest data rate transfer for the device. Higher value pullup can be used at lower data rates.
13. This parameter is not 100% tested.
Operating Specifications Over the recommended operating conditions unless otherwise specified. Parameters with MIN and/or MAX
limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 3)
MAX
UNIT
TC
V
Max V RW
()
i
() Min V RW
()
i
()
Max V RW
()
i
() Min V RW
()
i
()
+
[] 2
----------------------------------------------------------------------------------------------
106
165°C
-----------------
×
=
ISL22449


Número de pieza similar - ISL22429

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL22429 INTERSIL-ISL22429 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22429 RENESAS-ISL22429 Datasheet
832Kb / 13P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI®Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22429UFU10Z RENESAS-ISL22429UFU10Z Datasheet
832Kb / 13P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI®Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22429WFU10Z RENESAS-ISL22429WFU10Z Datasheet
832Kb / 13P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI®Bus, 128 Taps, Wiper Only
May 28, 2009
More results

Descripción similar - ISL22429

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
logo
Renesas Technology Corp
ISL22449 RENESAS-ISL22449 Datasheet
837Kb / 13P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
July 17, 2009
ISL22419 RENESAS-ISL22419 Datasheet
828Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
September 8, 2009
ISL22429 RENESAS-ISL22429 Datasheet
832Kb / 13P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI®Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22319 RENESAS-ISL22319 Datasheet
873Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only
September 9, 2009
ISL22349 RENESAS-ISL22349 Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22329 RENESAS-ISL22329 Datasheet
828Kb / 13P
   Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
September 4, 2009
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com