Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL12023IVZ Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISL12023IVZ
Descripción Electrónicos  Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12023IVZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL12023IVZ Datasheet HTML 6Page - Intersil Corporation ISL12023IVZ Datasheet HTML 7Page - Intersil Corporation ISL12023IVZ Datasheet HTML 8Page - Intersil Corporation ISL12023IVZ Datasheet HTML 9Page - Intersil Corporation ISL12023IVZ Datasheet HTML 10Page - Intersil Corporation ISL12023IVZ Datasheet HTML 11Page - Intersil Corporation ISL12023IVZ Datasheet HTML 12Page - Intersil Corporation ISL12023IVZ Datasheet HTML 13Page - Intersil Corporation ISL12023IVZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
FN6682.2
June 24, 2009
The device Time Stamps the switchover from VDD to VBAT
and VBAT to VDD, and the time is stored in tSV2B and tSB2V
registers respectively. If multiple VDD power-down
sequences occur before status is read, the earliest VDD to
VBAT power-down time is stored and the most recent VBAT
to VDD time is stored.
Temperature conversion and compensation can be enabled
in battery-backup mode. Bit BTSE in the BETA register
controls this operation, as described in “BETA Register
(BETA)” on page 17.
Power Failure Detection
The ISL12023 provides a Real Time Clock Failure Bit
(RTCF) to detect total power failure. It allows users to
determine if the device has powered up after having lost all
power to the device (both VDD and VBAT).
Brownout Detection
The ISL12023 monitors the VDD level continuously and
provides warning if the VDD level drops below prescribed
levels. There are six (6) levels that can be selected for the
trip level. These values are 85% below popular VDD levels.
The LVDD bit in the Status Register will be set to “1” when
brownout is detected. Note that the I2C serial bus remains
active unless the Battery VTRIP levels are reached. The
LVRST output becomes active (LOW) when the Power
Brownout Bit (LVDD) is set.
When the VDD power is re-established and is above the 85%
VDD + 50mV trip point, the LVRST output is set HIGH. The
LVDD bit is reset once it is read by the Micro. Note that the
I2C serial bus remains active unless the Battery VTRIP levels
are reached.
Battery Level Monitor
The ISL12023 has a built in warning feature once the backup
battery level drops first to 85% and then to 75% of the
battery’s nominal VBAT level. When the battery voltage
drops to between 85% and 75%, the LBAT85 bit is set in the
status register. When the level drops below 75%, both
LBAT85 and LBAT75 bits are set in the status register.
The battery level monitor is not functional in battery backup
mode. In order to read the monitor bits after powering up
VDD, instigate a battery level measurement by setting the
TSE bit to "1" (BETA register), and then read the bits.
There is a Battery Time Stamp Function available. Once the
VDD is low enough to enable switchover to the battery, the
RTC time/date are written into the TSV2B register. This
information can be read from the TSV2B registers to
discover the point in time of the VDD power-down. If there
are multiple power-down cycles before reading these
registers, the first values stored in these registers will be
retained. These registers will hold the original power-down
value until they are cleared by setting CLRTS = 1 to clear the
registers.
The normal power switching of the ISL12023 is designed to
switch into battery-backup mode only if the VDD power is
lost. This will ensure that the device can accept a wide range
of backup voltages from many types of sources while reliably
switching into backup mode.
Note that the ISL12023 is not guaranteed to operate with
VBAT < 1.8V. If the battery voltage is expected to drop lower
than this minimum, correct operation of the device,
especially after a VDD power down cycle, is not guaranteed.
The minimum VBAT to insure SRAM is stable is 1.0V. Below
that, the SRAM may be corrupted when VDD power resumes.
Real Time Clock Operation
The Real Time Clock (RTC) uses an external 32.768kHz
quartz crystal to maintain an accurate internal representation
of second, minute, hour, day of week, date, month, and year.
The RTC also has leap-year correction. The clock also
corrects for months having fewer than 31 days and has a bit
that controls 24-hour or AM/PM format. When the ISL12023
powers up after the loss of both VDD and VBAT, the clock will
not begin incrementing until at least one byte is written to the
clock register.
Single Event and Interrupt
The alarm mode is enabled via the MSB bit. Choosing single
event or interrupt alarm mode is selected via the IM bit. Note
that when the frequency output function is enabled, the
alarm function is disabled.
The standard alarm allows for alarms of time, date, day of
the week, month, and year. When a time alarm occurs in
single event mode, an IRQ pin will be pulled low and the
alarm status bit (ALM) will be set to “1”.
The pulsed interrupt mode allows for repetitive or recurring
alarm functionality. Hence, once the alarm is set, the device
will continue to alarm for each occurring match of the alarm
and present time. Thus, it will alarm as often as every minute
(if only the nth second is set) or as infrequently as once a
year (if at least the nth month is set). During pulsed interrupt
mode, the IRQ pin will be pulled low for 250ms and the alarm
status bit (ALM) will be set to “1”.
The ALM bit can be reset by the user or cleared
automatically using the auto reset mode (see ARST bit). The
alarm function can be enabled/disabled during
battery-backup mode using the FOBATB bit. For more
information on the alarm, please see “ALARM Registers
(10h to 15h)” on page 19.
Frequency Output Mode
The ISL12023 has the option to provide a clock output signal
using the FOUT open drain output pin. The frequency output
mode is set by using the FO bits to select one of 15 possible
output frequency values from 1/32Hz to 32kHz. The
frequency output can be enabled/disabled during
battery-backup mode using the FOBATB bit.
ISL12023


Número de pieza similar - ISL12023IVZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL12023IVZ RENESAS-ISL12023IVZ Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results

Descripción similar - ISL12023IVZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL12023 RENESAS-ISL12023 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com