Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59885ISZ Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza ISL59885ISZ
Descripción Electrónicos  Auto-Adjusting Sync Separator for HD and SD Video
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59885ISZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL59885ISZ Datasheet HTML 1Page - Intersil Corporation ISL59885ISZ Datasheet HTML 2Page - Intersil Corporation ISL59885ISZ Datasheet HTML 3Page - Intersil Corporation ISL59885ISZ Datasheet HTML 4Page - Intersil Corporation ISL59885ISZ Datasheet HTML 5Page - Intersil Corporation ISL59885ISZ Datasheet HTML 6Page - Intersil Corporation ISL59885ISZ Datasheet HTML 7Page - Intersil Corporation ISL59885ISZ Datasheet HTML 8Page - Intersil Corporation ISL59885ISZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN7442.3
September 8, 2005
NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the specified
temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
VCC Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VCC +0.5V
Operating Ambient Temperature Range . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .400mW
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications
VDD = 3.3V, TA = 25°C, CSET = 56nF, unless otherwise specified.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
IDD, Quiescent
VDD = 3.3V
1.5
2.2
4
mA
Clamp Voltage
Pin 2, ILOAD = -100µA
1.35
1.5
1.65
V
Clamp Discharge Current
Pin 2 = 2V
6
15
30
µA
Clamp Charge Current
Pin 2 = 1V
-9
-7.2
-5.2
mA
VOL Output Low Voltage
IOL = 1.6mA
0.24
0.5
V
VOH Output High Voltage
IOH = -40µA
3
3.2
V
IOH = -1.6mA
2.5
3.0
V
Dynamic Characteristics
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Comp Sync Prop Delay, tCS
See Figure 9
35
75
ns
Horizontal Sync Delay, tHS
See Figure 9
40
80
ns
Horizontal Sync Width, tHS-PW
See Figure 9
3.8
5.2
6.2
µs
Vertical Sync Width, tVS
Normal or default trigger, 50% - 50%, see
Figure 7
230
280
350
µs
Vertical Sync Default Delay, tVSD
See Figure 10
28
50
68
µs
Hsync Blanking Window
ISL59885IS-R5218 only
81
85
90
%
Input Dynamic Range
Video input amplitude to maintain slice level
spec, VDD = 3.3V
0.5
2
VP-P
Slice Level
VSLICE above VCLAMP
50
70
90
mV
HD Pin Level
720p, 1080i, 1080p
0
V
Pin Descriptions
PIN NUMBER
PIN NAME
PIN FUNCTION
1
COMPOSITE
SYNC OUT
Composite sync pulse output; sync pulses start on a falling edge and end on a rising edge
2
COMPOSITE
VIDEO IN
AC coupled composite video input; sync tip must be at the lowest potential (positive picture phase)
3
VERTICAL
SYNC OUT
Vertical sync pulse output; the falling edge of vert sync is the start of the vertical period
4
GND
Supply ground
5HD
Low when input horizontal frequency is greater than 20kHz
6
CSET
(An external capacitor to ground); bypass pin for internal bias generator.
7
HORIZONTAL
OUTPUT
Horizontal output; falling edge active
8
VDD
Positive supply
ISL59885


Número de pieza similar - ISL59885ISZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59885ISZ INTERSIL-ISL59885ISZ Datasheet
363Kb / 14P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885ISZ INTERSIL-ISL59885ISZ Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885ISZ RENESAS-ISL59885ISZ Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885ISZ-EVAL RENESAS-ISL59885ISZ-EVAL Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Intersil Corporation
ISL59885ISZ-T13 INTERSIL-ISL59885ISZ-T13 Datasheet
363Kb / 14P
   Auto-Adjusting Sync Separator for HD and SD Video
More results

Descripción similar - ISL59885ISZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59885 INTERSIL-ISL59885_07 Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885 INTERSIL-ISL59885_06 Datasheet
363Kb / 14P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885 RENESAS-ISL59885 Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
logo
Texas Instruments
LMH1980MM TI-LMH1980MM Datasheet
1Mb / 22P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LMH1980MM TI1-LMH1980MM Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com