Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28197FRUZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL28197FRUZ-T7
Descripción Electrónicos  Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output RRIO Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28197FRUZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28197FRUZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
ISL28196, ISL28197
Ultra-Small, 800nA and 2.5µA Single
Supply, Rail-to-Rail Input/Output (RRIO)
Comparators
The ISL28196 and ISL28197 are micropower comparators
optimized for low-power applications. The parts are
designed for single-supply operation from 1.8V to 5.5V. The
ISL28197 typically consumes 800nA of supply current and
the ISL28196 typically consumes 2.5µA of supply current.
Both parts feature rail-to-rail input and output swing (RRIO),
allowing for maximum battery usage. The ISL28196 features
a propagation delay of 150µs and the ISL28197 features a
propagation delay of 0.6ms.
Equipped with an ENABLE pin (EN), both parts draw
typically 2nA when off. The combination of small footprint,
low power, single supply, and rail-to-rail operation makes
them ideally suited for all battery operated devices.
Pinouts
ISL28196, ISL28197
(6 LD SOT-23)
TOP VIEW
ISL28196, ISL28197
(6 LD 1.6X1.6X0.5 µTDFN)
TOP VIEW
Features
• Typical Supply Current 800nA (ISL28197)
• Typical Supply Current 2.5µA (ISL28196)
• Ultra-Low Single-Supply Operation Down to +1.8V
• Rail-to-Rail Input/Output Voltage Range (RRIO)
• 150µs Typical Propagation Delay (ISL28196)
• 0.6ms Typical Propagation Delay (ISL28197)
• ENABLE Pin Feature
• Push-Pull Output
• -40°C to +125°C Operation
• Pb-Free (RoHS Compliant)
Applications
• 2-Cell Alkaline Battery-Powered/Portable Systems
• Window Comparators
• Threshold Detectors/Discriminators
1
2
3
6
4
5
+-
OUT
GND
IN+
V+
EN
IN-
1
2
3
6
4
5
IN-
GND
IN+
V+
EN
OUT
Ordering Information
PART
NUMBER
(Note 3)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28196FHZ-T7*
(Note 1)
GABM
6 Ld SOT-23
Tape and Reel
MDP0038
Coming Soon
ISL28196FRUZ-T7*
(Note 2)
M5
6 Ld 1.6x1.6x0.5 µTDFN
Tape and Reel
L6.1.6x1.6A
ISL28197FHZ-T7*
(Note 1)
GABN
6 Ld SOT-23
Tape and Reel
MDP0038
Coming Soon
ISL28197FRUZ-T7*
(Note 2)
M6
6 Ld 1.6x1.6x0.5 µTDFN
Tape and Reel
L6.1.6x1.6A
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-
free material sets; molding compounds/die attach materials and
100% matte tin plate PLUS ANNEAL - e3 termination finish, which is
RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
2. These Intersil Pb-free plastic packaged products employ special Pb-
free material sets; molding compounds/die attach materials and
NiPdAu plate - e4 termination finish, which is RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
3. Please refer to TB347 for details on reel specifications.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN6152.3
November 5, 2007


Número de pieza similar - ISL28197FRUZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL28197FRUZ-T7 RENESAS-ISL28197FRUZ-T7 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
More results

Descripción similar - ISL28197FRUZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL28196 RENESAS-ISL28196 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
logo
Intersil Corporation
ISL28194 INTERSIL-ISL28194 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28194 INTERSIL-ISL28194_08 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28194 RENESAS-ISL28194 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com