Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL6115 Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza ISL6115
Descripción Electrónicos  Power Distribution Controllers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6115 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6115 Datasheet HTML 1Page - Intersil Corporation ISL6115 Datasheet HTML 2Page - Intersil Corporation ISL6115 Datasheet HTML 3Page - Intersil Corporation ISL6115 Datasheet HTML 4Page - Intersil Corporation ISL6115 Datasheet HTML 5Page - Intersil Corporation ISL6115 Datasheet HTML 6Page - Intersil Corporation ISL6115 Datasheet HTML 7Page - Intersil Corporation ISL6115 Datasheet HTML 8Page - Intersil Corporation ISL6115 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN9100.7
April 29, 2010
Simplified Block Diagram
Pin Configuration
ISL6115, ISL6116, ISL6117, ISL6120
(8 LD SOIC)
TOP VIEW
+
-
ISET
ISEN
GATE
VSS
VDD
CTIM
PGOOD
PWRON
CLIM
WOCLIM
ENABLE
OC
10µA
FALLING
EDGE
DELAY
18V
+
-
VREF
+
-
1.86V
12V
+
-
R
R
S
QN
Q
ENABLE
POR
VDD
8V
RISING
EDGE
PULSE
+
-
+
-
UV
18V
20µA
7.5k
+
-
+
-
20µA
UV DISABLE
ISL61xx
ISET
ISEN
GATE
VSS
1
2
3
4
8
7
6
5
PWRON
PGOOD
CTIM
VDD
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6115CB (Note 1)
ISL61 15CB
0 to +85
8 Ld SOIC
M8.15
ISL6115CBZA (Notes 1, 2)
6115 CBZ
0 to +85
8 Ld SOIC (Pb-free)
M8.15
ISL6116CBZA (Notes 1, 2)
6116 CBZ
0 to +85
8 Ld SOIC (Pb-free)
M8.15
ISL6117CBZA (Notes 1, 2)
6117 CBZ
0 to +85
8 Ld SOIC (Pb-free)
M8.15
ISL6120CBZA (Notes 1, 2)
6120 CBZ
0 to +85
8 Ld SOIC (Pb-free)
M8.15
ISL6115EVAL1Z
Evaluation Platform
NOTES:
1. Please refer to TB347 for details on reel specifications. Add “-T” suffix for tape and reel.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6115. For more information on MSL please see
techbrief TB363.
ISL6115, ISL6116, ISL6117, ISL6120


Número de pieza similar - ISL6115

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115 INTERSIL-ISL6115 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115 Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
More results

Descripción similar - ISL6115

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com