Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL6117 Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL6117
Descripción Electrónicos  Power Distribution Controllers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6117 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6117 Datasheet HTML 1Page - Intersil Corporation ISL6117 Datasheet HTML 2Page - Intersil Corporation ISL6117 Datasheet HTML 3Page - Intersil Corporation ISL6117 Datasheet HTML 4Page - Intersil Corporation ISL6117 Datasheet HTML 5Page - Intersil Corporation ISL6117 Datasheet HTML 6Page - Intersil Corporation ISL6117 Datasheet HTML 7Page - Intersil Corporation ISL6117 Datasheet HTML 8Page - Intersil Corporation ISL6117 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN9100.7
April 29, 2010
Description and Operation
The members of this IC family are single power supply
distribution controllers for generic hot swap
applications across the +2.5V to +12V supply range.
The ISL6115 is targeted for +12V switching
applications whereas the ISL6116 is targeted for +5V,
the ISL6117 for +3.3V and the ISL6120 for +2.5V
applications. Each IC has a hardwired undervoltage
(UV) threshold level approximately 17% lower than the
stated voltages.
These ICs feature a highly accurate programmable
current regulation (CR) level with programmable time
delay to latch-off, and programmable soft-start
turnHon ramp all set with a minimum of external
passive components. The ICs also include severe OC
protection that immediately shuts down the MOSFET
switch should a rapid load current transient such as
with a dead short cause the CR Vth to exceed the
programmed level by 150mV. Additionally, the ICs
have a UV indicator and an OC latch indicator. The
functionality of the PGOOD feature is enabled once
the IC is biased, monitoring and reporting any UV
condition on the ISEN pin.
Upon initial power-up, the IC can either isolate the
voltage supply from the load by holding the external
N-Channel MOSFET switch off or apply the supply rail
voltage directly to the load for true hot swap capability.
The PWRON pin must be pulled low for the device to
isolate the power supply from the load by holding the
external N-Channel MOSFET off. With the PWRON pin
held high or floating the IC will be in true hot swap
mode. In both cases the IC turns on in a soft-start
mode protecting the supply rail from sudden in-rush
current.
At turn-on, the external gate capacitor of the N-
Channel MOSFET is charged with a 10µA current
source resulting in a programmable ramp (soft-start
turn-on). The internal ISL6115 charge pump supplies
the gate drive for the 12V supply switch driving that
gate to ~VDD +5V, for the other three ICs the gate
drive voltage is limited to the chip bias voltage, VDD.
Load current passes through the external current
sense resistor. When the voltage across the sense
resistor exceeds the user programmed CR voltage
threshold value, (see Table 1 for RISET programming
resistor value and resulting nominal current
regulation threshold voltage, VCR) the controller
enters its current regulation mode. At this time, the
time-out capacitor, on CTIM pin is charged with a
20µA current source and the controller enters the
current limit time to latch-off period. The length of the
current limit time to latch-off duration is set by the
value of a single external capacitor (see Table 2) for
CTIM capacitor value and resulting nominal current
limited time-out to latch-off duration placed from the
CTIM pin (pin 6) to ground. The programmed current
level is held until either the OC event passes or the
time-out period expires. If the former is the case then
the N-Channel MOSFET is fully enhanced and the CTIM
capacitor is discharged. Once CTIM charges to 1.87V
signaling that the time-out period has expired, an
internal latch is set whereby the FET gate is quickly
pulled to 0V turning off the N-Channel MOSFET
switch, isolating the faulty load.
PWRON Pull-Up Voltage
PWRN_V
PWRON Pin Open
2.7
3.2
-
V
PWRON Rising Threshold
PWR_Vth
1.4
1.7
2.0
V
PWRON Hysteresis
PWR_hys
130
170
250
mV
PWRON Pull-Up Current
PWRN_I
9
17
25
µA
CURRENT REGULATION DURATION/POWER GOOD
CTIM Charging Current
CTIM_ichg0
VCTIM = 0V
16
20
23
µA
CTIM Fault Pull-Up Current (Note 6)
-
20
-
mA
Current Limit Time-Out Threshold
Voltage
CTIM_Vth
CTIM Voltage
1.3
1.8
2.3
V
Power Good Pull Down Current
PG_Ipd
VOUT = 0.5V
-
8
-
mA
NOTES:
6. Limits established by characterization and are not production tested.
7. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified.
Electrical Specifications VDD = 12V, TA = TJ = 0°C to +85°C, Unless Otherwise Specified. Temperature limits
established by characterization and are not production tested. Boldface limits apply over the
operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7) UNITS
ISL6115, ISL6116, ISL6117, ISL6120


Número de pieza similar - ISL6117

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL6117 INTERSIL-ISL6117 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6117 INTERSIL-ISL6117 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL6117 INTERSIL-ISL6117 Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6117 INTERSIL-ISL6117 Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6117 INTERSIL-ISL6117 Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
More results

Descripción similar - ISL6117

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com