Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL22512 Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL22512
Descripción Electrónicos  Single Push Button Controlled Potentiometer XDCP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22512 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL22512 Datasheet HTML 1Page - Intersil Corporation ISL22512 Datasheet HTML 2Page - Intersil Corporation ISL22512 Datasheet HTML 3Page - Intersil Corporation ISL22512 Datasheet HTML 4Page - Intersil Corporation ISL22512 Datasheet HTML 5Page - Intersil Corporation ISL22512 Datasheet HTML 6Page - Intersil Corporation ISL22512 Datasheet HTML 7Page - Intersil Corporation ISL22512 Datasheet HTML 8Page - Intersil Corporation ISL22512 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN6679.0
March 24, 2008
Roffset
(Note 13)
Offset
W option
0
1
2
MI
(Note 12)
U option
0
0.5
1
MI
(Note 12)
Potentiometer Specifications Over recommended operating conditions, unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 5)
MAX
(Note 18)
UNIT
DC Electrical Specifications
Over recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 5)
MAX
(Note 18)
UNIT
ICC
VCC Active Current
VCC = 5.5V, perform wiper move
operation
150
µA
ICC
VCC Current During Store Operation
VCC = 5.5V, perform non-volatile
store operation
2mA
ISB
Standby Current
0.6
3
µA
ILkg
PU, PD Input Leakage Current
VIN = VSS to VCC
-2
+2
µA
VIH
PU, PD Input HIGH Voltage
VCC x 0.7
V
VIL
PU, PD input LOW Voltage
VCC x 0.1
V
CIN
(Note 17)
PU, PD Input Capacitance
VCC = 3.3V, TA = +25°C, f = 1MHz
10
pF
Rpull_up
(Note 17)
Pull-Up Resistor for PU and PD
1M
Ω
AC Electrical Specifications
Over recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
MIN
(Note 18)
TYP
(Note 5)
MAX
(Note 18)
UNIT
tGAP
Time Between Two Separate Push Button Events
2
ms
tDB
Debounce Time
15
28
ms
tS SLOW
Wiper Change on a Slow Mode
100
250
390
ms
tS FAST
Wiper Change on a Fast Mode
25
50
78
ms
tstdn
(Note 17)
Time to Enter Shutdown Mode (keep PU and PD LOW)
2
s
tPU
Power-Up to Wiper Stable
500
µs
tR VCC
VCC Power-Up Rate
0.2
50
V/ms
NOTES:
5. Typical values are for TA = +25°C and 3.3V supply voltage.
6. LSB: [V(RW)15 – V(RW)0]/15. V(RW)31 and V(RW)0 are voltage on RW pin for the DCP register set to 0F hex and 00 hex respectively. LSB is
the incremental voltage when changing from one tap to an adjacent tap.
7. ZS error = V(RW)0/LSB.
8. FS error = [V(RW)31 – VCC]/LSB.
9. DNL = [V(RW)i – V(RW)i-1]/LSB -1, for i = 1 to 15; i is the DCP register setting.
10. INL = [V(RW)i – i • LSB – V(RW)]/LSB for i = 1 to 15
11.
for i = 5 to 15 decimal, T = -40°C to +125°C. Max( ) is the maximum value of the wiper
voltage and Min ( ) is the minimum value of the wiper voltage over the temperature range.
12. MI =
|RW
15 – RW0|/15. MI is a minimum increment. RW15 and RW0 are the measured resistances for the DCP register set to 1F hex and 00
hex respectively.
13. Roffset = RW0/MI, when measuring between RW and RL.
Roffset = RW15/MI, when measuring between RW and RH.
14. RDNL = (RWi – RWi-1)/MI, for i = 1 to 15.
15. RINL = [RWi – (MI • i) – RW0]/MI, for i = 1 to 15.
16.
for i = 5 to 15, T = -40°C to +125°C. Max( ) is the maximum value of the resistance and Min ( ) is the
minimum value of the resistance over the temperature range.
17. Limits should be considered typical and are not production tested.
18. Parts are 100% tested at +25°C. Temperature limits established by characterization and are not production tested.
TC
V
Max V RW
()
i
() Min V RW
()
i
()
Max V RW
()
i
() Min V RW
()
i
()
+
[] 2
----------------------------------------------------------------------------------------------
106
+165°C
---------------------
×
=
TC
R
Max Ri
() Min Ri
()
[]
Max Ri
() Min Ri
()
+
[] 2
----------------------------------------------------------------
10
6
+165°C
---------------------
×
=
ISL22512


Número de pieza similar - ISL22512

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL22512 INTERSIL-ISL22512 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
logo
Intersil Corporation
ISL22512WFB8Z INTERSIL-ISL22512WFB8Z Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
logo
Renesas Technology Corp
ISL22512WFB8Z RENESAS-ISL22512WFB8Z Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
logo
Intersil Corporation
ISL22512WFRU10Z-TK INTERSIL-ISL22512WFRU10Z-TK Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
More results

Descripción similar - ISL22512

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
   Single Push Button Controlled Potentiometer
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com