Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL2101A Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL2101A
Descripción Electrónicos  100V, 2A Peak, High Frequency Half-Bridge Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2101A Datasheet(HTML) 4 Page - Intersil Corporation

  ISL2101A Datasheet HTML 1Page - Intersil Corporation ISL2101A Datasheet HTML 2Page - Intersil Corporation ISL2101A Datasheet HTML 3Page - Intersil Corporation ISL2101A Datasheet HTML 4Page - Intersil Corporation ISL2101A Datasheet HTML 5Page - Intersil Corporation ISL2101A Datasheet HTML 6Page - Intersil Corporation ISL2101A Datasheet HTML 7Page - Intersil Corporation ISL2101A Datasheet HTML 8Page - Intersil Corporation ISL2101A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN6294.3
May 6, 2010
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD, VHB - VHS (Notes 1, 2) . . . . . . . -0.3V to 18V
LI and HI Voltages (Note 2) . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
Voltage on LO (Note 2) . . . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
Voltage on HO (Note 2) . . . . . . . . . . . . . . VHS - 0.3V to VHB + 0.3V
Voltage on HS (Continuous) (Note 2) . . . . . . . . . . . . . . -1V to 110V
Voltage on HB (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 118V
Average Current in VDD to HB Diode . . . . . . . . . . . . . . . . . . 100mA
Maximum Recommended Operating Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9V to 14V
Voltage on HS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to 100V
Voltage on HS . . . . . . . . . . . . . . .(Repetitive Transient) -5V to 105V
Voltage on HB . . VHS + 8V to VHS + 14V and VDD - 1V to VDD + 100V
HS Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <50V/ns
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
DFN (Notes 3, 4) . . . . . . . . . . . . . . . . .
47
3.5
SOIC (Note 3) . . . . . . . . . . . . . . . . . . .
120
N/A
Max Power Dissipation at +25°C in Free Air (DFN, Note 3) . . . 2.27W
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
For Recommended soldering conditions see Tech Brief TB389.
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1. The ISL2100A-ISL2101A are capable of derated operation at supply voltages exceeding 14V. Figure 22 shows the high-side voltage derating
curve for this mode of operation.
2. All voltages referenced to VSS unless otherwise specified.
3.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features.
4. For
θJC, the “case temp” is measured at the center of the exposed metal pad on the package underside. See Tech Brief TB379 for details.
Electrical Specifications
VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, Unless Otherwise Specified. Parameters with MIN
and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -40°C to
+125°C
UNITS
MIN
TYP
MAX
MIN
MAX
SUPPLY CURRENTS
VDD Quiescent Current
IDD
ISL2100A; LI = HI = 0V
-
0.1
0.25
-
0.3
mA
VDD Quiescent Current
IDD
ISL2101A; LI = HI = 0V
-
0.3
0.45
-
0.55
mA
VDD Operating Current
IDDO
ISL2100A; f = 500kHz
-
1.6
2.2
-
2.7
mA
VDD Operating Current
IDDO
ISL2101A; f = 500kHz
-
1.9
2.5
-
3
mA
Total HB Quiescent Current
IHB
LI = HI = 0V
-
0.1
0.15
-
0.2
mA
Total HB Operating Current
IHBO
f = 500kHz
-
2.0
2.5
-
3
mA
HB to VSS Current, Quiescent
IHBS
LI = HI = 0V; VHB = VHS = 114V
-
0.05
1
-
10
µA
HB to VSS Current, Operating
IHBSO
f = 500kHz; VHB = VHS = 114V
-
0.9
-
-
-
mA
INPUT PINS
Low Level Input Voltage Threshold
VIL
ISL2100A
3.7
4.4
-
2.7
-
V
Low Level Input Voltage Threshold
VIL
ISL2101A
1.4
1.8
-
1.2
-
V
High Level Input Voltage Threshold
VIH
ISL2100A
-
6.6
7.4
-
8.4
V
High Level Input Voltage Threshold
VIH
ISL2101A
-
1.8
2.2
-
2.4
V
Input Voltage Hysteresis
VIHYS
ISL2100A
-
2.2
-
-
-
V
Input Pull-down Resistance
RI
-
210
-
100
500
k
Ω
UNDERVOLTAGE PROTECTION
VDD Rising Threshold
VDDR
6.8
7.3
7.8
6.5
8.1
V
VDD Threshold Hysteresis
VDDH
-0.6
-
-
-
V
HB Rising Threshold
VHBR
6.2
6.9
7.5
5.9
7.8
V
ISL2100A, ISL2101A


Número de pieza similar - ISL2101A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL2101A RENESAS-ISL2101A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2101A INTERSIL-ISL2101A Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL2101AABZ INTERSIL-ISL2101AABZ Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2101AABZ INTERSIL-ISL2101AABZ Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Renesas Technology Corp
ISL2101AABZ RENESAS-ISL2101AABZ Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
More results

Descripción similar - ISL2101A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
HIP2122 RENESAS-HIP2122 Datasheet
717Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com