Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
0ZRC0025FF1E Datasheet(PDF) 1 Page - Bel Fuse Inc. |
|
0ZRC0025FF1E Datasheet(HTML) 1 Page - Bel Fuse Inc. |
1 / 2 page Flame retardant epoxy, meets UL-94-V-0 requirements. defining a degree of excellence Bel Fuse Inc . 206 Van Vorst Street, Jersey City, NJ 07302 • Tel:201 - 432 - 0463 • Fax:201 - 432 - 9542 • E-Mail: belfuse@belfuse.com Website:www.belfuse.com Radial Leaded PTC 0ZRC Series 0ZRC1007D IH Hold current-maximum current at which the device will not trip in still air at 23°C. IT Trip current-minimum current at which the device will always trip in still air at 23°C. Imax Maximum fault current device can withstand without damage at rated voltage (Vmax). Vmax Maximum voltage device can withstand without damage at its rated current. Pd Typical power dissipated by device when in tripped state in 23°C still air environment. Rmin Minimum device resistance at 23°C. Rmax Maximum device resistance at 23°C. R1max Maximum device resistance at 23°C, 1 hour after initial device trip. Physical specifications Lead material 0ZRC0010 - 0ZRC0040 - Tin plated copper clad steel, 24 AWG. 0ZRC0050 - 0ZRC0090 - Tin plated copper, 24 AWG. 0ZRC0110 - 0ZRC0375 - Tin plated copper, 20 AWG. Soldering characteristics MIL-STD-202, Method 208E. Insulating coating Flame retardant epoxy,meets UL-94-V-0 requirements. PTC Marking Fig 1 All dimensions in mm Fig 2 Product Dimensions Standard Package RoHS6 Compliant Electrical Characteristics (23°C) Specifications subject to change without notice ø Application Telecom and wide variety of electronic equipment Product Features Low Hold Current, 90V rating - replaces 30, 60 and 72V rated devices Operating (Hold Current) Range 100mA ~ 3.75A Maximum Voltage Up to 90V Temperature Range -40°C to 85°C Agency Approval TUV (Std. EN60738-1-1, Cert. R50102187, Part No. 0ZRC0040-0ZRC0375) UL Component (Std. UL1434, File E305051) UL Conditions of Acceptability: 1.These devices have been investigated for use in safety circuits and are suitable as a limiting device. 2.These devices have been calibrated to limit the current to 8 amps within 5 seconds, per ANSI/NFPA 70, “National Electrical Code” “bel” or “b”, lH code and “RC”. |
Número de pieza similar - 0ZRC0025FF1E |
|
Descripción similar - 0ZRC0025FF1E |