Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH6628EP Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LMH6628EP
Descripción Electrónicos  Enhanced Plastic Dual Wideband, Low Noise, Voltage Feedback Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6628EP Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMH6628EP Datasheet HTML 6Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 7Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 8Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 9Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 10Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 11Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 12Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 13Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2-Tone, 3rd Order Intermodulation Intercept
20088644
Voltage & Current Noise vs. Frequency
20088647
Settling Time vs. Accuracy
20088648
Application Section
LOW NOISE DESIGN
Ultimate low noise performance from circuit designs using the
LMH6628EP requires the proper selection of external resis-
tors. By selecting appropriate low valued resistors for R
F and
R
G, amplifier circuits using the LMH6628EP can achieve out-
put noise that is approximately the equivalent voltage input
noise of 2nV/
multiplied by the desired gain (A
V).
DC BIAS CURRENTS AND OFFSET VOLTAGES
Cancellation of the output offset voltage due to input bias cur-
rents is possible with the LMH6628EP. This is done by making
the resistance seen from the inverting and non-inverting in-
puts equal. Once done, the residual output offset voltage will
be the input offset voltage (V
OS) multiplied by the desired gain
(A
V). National Application Note OA-7 offers several solutions
to further reduce the output offset.
OUTPUT AND SUPPLY CONSIDERATIONS
With ±5V supplies, the LMH6628EP is capable of a typical
output swing of ±3.8V under a no-load condition. Additional
output swing is possible with slightly higher supply voltages.
For loads of less than 50
Ω, the output swing will be limited by
the LMH6628EP's output current capability, typically 85mA.
Output settling time when driving capacitive loads can be im-
proved by the use of a series output resistor. See the plot
labeled "R
S vs. CL" in the Typical Performance section.
LAYOUT
Proper power supply bypassing is critical to insure good high
frequency performance and low noise. De-coupling capaci-
tors of 0.1
μF should be placed as close as possible to the
power supply pins. The use of surface mounted capacitors is
recommended due to their low series inductance.
A good high frequency layout will keep power supply and
ground traces away from the inverting input and output pins.
Parasitic capacitance from these nodes to ground causes fre-
quency response peaking and possible circuit oscillation. See
OA-15 for more information. National suggests the 730036
www.national.com
10
200886 Version 4 Revision 2
Print Date/Time: 2010/10/15 15:22:20


Número de pieza similar - LMH6628EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
LMH6628 NSC-LMH6628 Datasheet
176Kb / 12P
   DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
logo
Texas Instruments
LMH6628 TI1-LMH6628 Datasheet
1Mb / 21P
[Old version datasheet]   LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628J-QML NSC-LMH6628J-QML Datasheet
176Kb / 12P
   DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
LMH6628J-QMLV NSC-LMH6628J-QMLV Datasheet
176Kb / 12P
   DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
More results

Descripción similar - LMH6628EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML Datasheet
450Kb / 18P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628 TI1-LMH6628 Datasheet
1Mb / 21P
[Old version datasheet]   LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
MNLMH6624-X NSC-MNLMH6624-X Datasheet
180Kb / 12P
   ULTRA LOW NOISE WIDEBAND OP AMP
CLC425 NSC-CLC425 Datasheet
1Mb / 9P
   Ultra Low Noise Wideband Op Amp
logo
Texas Instruments
CLC425 TI1-CLC425 Datasheet
1Mb / 18P
[Old version datasheet]   Ultra Low Noise Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com