Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM26001BMHX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM26001BMHX
Descripción Electrónicos  1.5A Switching Regulator with High Efficiency Sleep Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26001BMHX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM26001BMHX Datasheet HTML 1Page - National Semiconductor (TI) LM26001BMHX Datasheet HTML 2Page - National Semiconductor (TI) LM26001BMHX Datasheet HTML 3Page - National Semiconductor (TI) LM26001BMHX Datasheet HTML 4Page - National Semiconductor (TI) LM26001BMHX Datasheet HTML 5Page - National Semiconductor (TI) LM26001BMHX Datasheet HTML 6Page - National Semiconductor (TI) LM26001BMHX Datasheet HTML 7Page - National Semiconductor (TI) LM26001BMHX Datasheet HTML 8Page - National Semiconductor (TI) LM26001BMHX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
May 29, 2008
LM26001B
1.5A Switching Regulator with High Efficiency Sleep Mode
General Description
The LM26001B is a switching regulator designed for the high
efficiency requirements of applications with stand-by modes.
The device features a low-current sleep mode to maintain ef-
ficiency under light-load conditions and current-mode control
for accurate regulation over a wide input voltage range. Qui-
escent current is reduced to 10 µA typically in shutdown mode
and less than 40 µA in sleep mode. Forced PWM mode is also
available to disable sleep mode.
The LM26001B can deliver up to 1.5A of continuous load cur-
rent with a fixed current limit, through the internal N-channel
switch. The part has a wide input voltage range of 4.0V to 18V
and can operate with input voltages as low as 3V during line
transients.
Operating frequency is adjustable from 150 kHz to 500 kHz
with a single resistor and can be synchronized to an external
clock.
Other features include Power good, adjustable soft-start, en-
able pin, input under-voltage protection, and an internal boot-
strap diode for reduced component count.
Features
High efficiency sleep mode
40 µA typical Iq in sleep mode
10 µA typical Iq in shutdown mode
3.0V minimum input voltage
4.0V to 18V continuous input range
2.0% reference accuracy
Cycle-by-cycle current limit
Adjustable Frequency (150 kHz to 500 kHz)
Synchronizable to an external clock
Power Good Flag
Forced PWM function
Adjustable Soft-start
TSSOP-16 exposed pad package
Thermal Shut Down
Applications
Automotive Telematics
Navigation systems
In-Dash Instrumentation
Battery Powered Applications
Stand-by power for home gateways/set-top boxes
Typical Application Circuit
30001901
© 2008 National Semiconductor Corporation
300019
www.national.com


Número de pieza similar - LM26001BMHX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM26001BMHX/NOPB TI-LM26001BMHX/NOPB Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
More results

Descripción similar - LM26001BMHX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001B TI-LM26001B_15 Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com