Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM48860 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza LM48860
Descripción Electrónicos  Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48860 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM48860 Datasheet HTML 1Page - National Semiconductor (TI) LM48860 Datasheet HTML 2Page - National Semiconductor (TI) LM48860 Datasheet HTML 3Page - National Semiconductor (TI) LM48860 Datasheet HTML 4Page - National Semiconductor (TI) LM48860 Datasheet HTML 5Page - National Semiconductor (TI) LM48860 Datasheet HTML 6Page - National Semiconductor (TI) LM48860 Datasheet HTML 7Page - National Semiconductor (TI) LM48860 Datasheet HTML 8Page - National Semiconductor (TI) LM48860 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Symbol
Parameter
Conditions
LM48860
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
Z
OUT
Output Impedance
V
SD = GND
Input Terminated
Input not terminated
SD_LC = SD_RC = GND
30
30
20
k
Ω (min)
k
I
L
Input Leakage
±0.1
nA
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of device reliability
and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or other conditions beyond those indicated in
the Recommended Operating Conditions is not implied. The Recommended Operating Conditions indicate conditions at which the device is functional and the
device should not be operated beyond such conditions. All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as otherwise modified
or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not guaranteed.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by T
JMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is P
DMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM48860, see power
derating curves for additional information.
Note 4: Human body model, applicable std. JESD22-A114C.
Note 5: Machine model, applicable std. JESD22-A115-A.
Note 6: Typical values represent most likely parametric norms at T
A = +25ºC, and at the Recommended Operation Conditions at the time of product
characterization and are not guaranteed.
Note 7: Datasheet min/max specification limits are guaranteed by test or statistical analysis.
Note 8:
θ
JA value is measured with the device mounted on a PCB with a 1.5” x 1.375”, 1oz copper heatsink.
External Components Description
(Figure 1)
Components
Functional Description
1.
C
1
Input coupling capacitor which blocks the DC voltage at the amplifier’s input terminals. Also creates a high pass-
pass filter with R
i at fC = 1/(2RiC1). Refer to the section Proper Selection of External Components, for an
explanation of how to determine the value of C
1.
2.
C
2
Input coupling capacitor which blocks the DC voltage at the amplifier’s input terminals. Also creates a high pass-
pass filter with R
i at fC = 1/(2RiC2). Refer to the Power Supply Bypassing section for an explanation of how to
determine the value of C
2.
3.
C
3
Output capacitor. Low ESR ceramic capacitor (
100mΩ)
4.
C
4
Flying capacitor. Low ESR ceramic capacitor (
100mΩ)
5.
C
5
Tantalum capacitor. Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply
Bypassing section for information concerning proper placement and selection of the supply bypass capacitor.
6.
C
6
Ceramic capacitor. Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply
Bypassing section for information concerning proper placement and selection of the supply bypass capacitor.
5
www.national.com


Número de pieza similar - LM48860

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,014Kb / 24P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860TL/NOPB TI1-LM48860TL/NOPB Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860TLX/NOPB TI1-LM48860TLX/NOPB Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
More results

Descripción similar - LM48860

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4920 NSC-LM4920 Datasheet
1Mb / 17P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com