Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK754R3-75C Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza BUK754R3-75C
Descripción Electrónicos  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK754R3-75C Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK754R3-75C Datasheet HTML 1Page - NXP Semiconductors BUK754R3-75C Datasheet HTML 2Page - NXP Semiconductors BUK754R3-75C Datasheet HTML 3Page - NXP Semiconductors BUK754R3-75C Datasheet HTML 4Page - NXP Semiconductors BUK754R3-75C Datasheet HTML 5Page - NXP Semiconductors BUK754R3-75C Datasheet HTML 6Page - NXP Semiconductors BUK754R3-75C Datasheet HTML 7Page - NXP Semiconductors BUK754R3-75C Datasheet HTML 8Page - NXP Semiconductors BUK754R3-75C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
N-channel enhancement mode power Field-Effect Transistor (FET) in a plastic package,
using Philips Ultra High-Performance (UHP) automotive TrenchMOS technology.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
BUK754R3-75C; BUK7E4R3-75C
N-channel TrenchMOS standard level FET
Rev. 01 — 10 August 2006
Product data sheet
I TrenchMOS technology
I Q101 compliant
I 175 °C rated
I Standard level compatible
I Automotive systems
I General purpose power switching
I Motors, lamps and solenoids
I 12 V, 24 V and 42 V loads
I EDS(AL)S ≤ 630 mJ
I RDSon = 3.7 mΩ (typ)
I ID ≤ 100 A
I Ptot ≤ 333 W
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1
gate (G)
SOT78 (TO-220AB)
SOT226 (I2PAK)
2
drain (D)
3
source (S)
mb
mounting base; connected to
drain
12
mb
3
3
2
1
mb
S
D
G
mbb076


Número de pieza similar - BUK754R3-75C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK754R3-75C NEXPERIA-BUK754R3-75C Datasheet
318Kb / 15P
   N-channel TrenchMOS standard level FET
Rev. 02 - 21 April 2011
More results

Descripción similar - BUK754R3-75C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com