Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9107-55ATE Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BUK9107-55ATE
Descripción Electrónicos  N-channel TrenchPLUS logic level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9107-55ATE Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK9107-55ATE Datasheet HTML 2Page - NXP Semiconductors BUK9107-55ATE Datasheet HTML 3Page - NXP Semiconductors BUK9107-55ATE Datasheet HTML 4Page - NXP Semiconductors BUK9107-55ATE Datasheet HTML 5Page - NXP Semiconductors BUK9107-55ATE Datasheet HTML 6Page - NXP Semiconductors BUK9107-55ATE Datasheet HTML 7Page - NXP Semiconductors BUK9107-55ATE Datasheet HTML 8Page - NXP Semiconductors BUK9107-55ATE Datasheet HTML 9Page - NXP Semiconductors BUK9107-55ATE Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
BUK9107-55ATE_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 16 February 2009
6 of 15
NXP Semiconductors
BUK9107-55ATE
N-channel TrenchPLUS logic level FET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =0.25mA; VGS =0V; Tj =25°C
55
-
-
V
ID =0.25mA; VGS =0V; Tj =-55 °C
50
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS = VGS; Tj =25°C;
see Figure 9
11.5
2
V
ID =1mA; VDS = VGS; Tj = 175 °C;
see Figure 9
0.5
-
-
V
ID =1mA; VDS = VGS; Tj =-55 °C;
see Figure 9
--2.3
V
IDSS
drain leakage current
VDS =55V; VGS =0V; Tj =25°C
-
0.1
10
µA
VDS =55V; VGS =0V; Tj = 175 °C
-
-
250
µA
V(BR)GSS
gate-source breakdown
voltage
IG =-1mA; -55 °C < Tj < 175 °C
12
15
-
V
IG = 1 mA; -55 °C < Tj < 175 °C
12
15
-
V
IGSS
gate leakage current
VDS =0V; VGS =5V; Tj =25°C
-
5
1000
nA
VDS =0V; VGS =-5V; Tj =25°C
-
5
1000
nA
RDSon
drain-source on-state
resistance
VGS =5V; ID =50A; Tj =25°C;
see Figure 7; see Figure 8
-5.8
7
m
VGS =5V; ID =50A; Tj =175 °C;
see Figure 7; see Figure 8
--14
m
VGS =4.5 V; ID =50A; Tj =25°C
-
6
7.7
m
VGS =10V; ID =50A; Tj =25°C
-
5.2
6.2
m
VF(TSD)
temperature sense
diode forward voltage
IF = 250 µA; Tj = 25 °C
648
658
668
mV
SF(TSD)
temperature sense
diode temperature
coefficient
IF = 250 µA; Tj >-55 °C; Tj < 175 °C
-1.4
-1.54
-1.68
mV/K
VF(TSD)hys
temperature sense
diode forward voltage
hysteresis
IF > 125 µA; IF < 250 µA; Tj =25°C
25
32
50
mV
Dynamic characteristics
QG(tot)
total gate charge
ID =50A; VDS =44V; VGS =5V;
Tj =25°C; see Figure 14
-
108
-
nC
QGS
gate-source charge
-
15
-
nC
QGD
gate-drain charge
-
47
-
nC
Ciss
input capacitance
VGS =0V; VDS =25V; f=1MHz;
Tj =25°C; see Figure 12
-
5836
-
pF
Coss
output capacitance
-
958
-
pF
Crss
reverse transfer
capacitance
-
595
-
pF
td(on)
turn-on delay time
VDS =30V; RL =1.2 Ω; VGS =5V;
RG(ext) =10 Ω; Tj =25 °C
-51
-
ns
tr
rise time
-
202
-
ns
td(off)
turn-off delay time
-
341
-
ns
tf
fall time
-
207
-
ns


Número de pieza similar - BUK9107-55ATE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK9107-55ATE NEXPERIA-BUK9107-55ATE Datasheet
370Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9107-55ATE PHILIPS-BUK9107-55ATE_15 Datasheet
256Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
More results

Descripción similar - BUK9107-55ATE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK9C07-65BIT PHILIPS-BUK9C07-65BIT_15 Datasheet
375Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 03-15 July 2010
BUK9907-55ATE NXP-BUK9907-55ATE Datasheet
258Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
BUK9C10-55BIT PHILIPS-BUK9C10-55BIT_15 Datasheet
338Kb / 14P
   N-channel TrenchPLUS logic level FET
25 August 2014
logo
Nexperia B.V. All right...
BUK9907-55ATE NEXPERIA-BUK9907-55ATE Datasheet
372Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9907-40ATC NXP-BUK9907-40ATC Datasheet
268Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9C10-65BIT NEXPERIA-BUK9C10-65BIT Datasheet
987Kb / 15P
   N-channel TrenchPLUS logic level FET
BUK9107-55ATE NEXPERIA-BUK9107-55ATE Datasheet
370Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9107-40ATC NXP-BUK9107-40ATC Datasheet
255Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 04-16 February 2009
BUK9907-40ATC PHILIPS-BUK9907-40ATC_15 Datasheet
268Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9C10-55BIT NEXPERIA-BUK9C10-55BIT Datasheet
744Kb / 14P
   N-channel TrenchPLUS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com