Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9E2R4-40C Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BUK9E2R4-40C
Descripción Electrónicos  N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9E2R4-40C Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK9E2R4-40C Datasheet HTML 1Page - NXP Semiconductors BUK9E2R4-40C Datasheet HTML 2Page - NXP Semiconductors BUK9E2R4-40C Datasheet HTML 3Page - NXP Semiconductors BUK9E2R4-40C Datasheet HTML 4Page - NXP Semiconductors BUK9E2R4-40C Datasheet HTML 5Page - NXP Semiconductors BUK9E2R4-40C Datasheet HTML 6Page - NXP Semiconductors BUK9E2R4-40C Datasheet HTML 7Page - NXP Semiconductors BUK9E2R4-40C Datasheet HTML 8Page - NXP Semiconductors BUK9E2R4-40C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BUK9E2R4-40C_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 11 April 2008
3 of 13
NXP Semiconductors
BUK9E2R4-40C
N-channel TrenchMOS logic level FET
[1]
Current is limited by chip power dissipation rating.
[2]
Continuous current is limited by package.
[3]
Refer to document 9397 750 12572 for further information.
[4]
Single-pulse avalanche rating limited by maximum junction temperature of 175
°C.
[5]
Repetitive avalanche rating limited by an average junction temperature of 170
°C.
[6]
Refer to application note AN10273 for further information.
Fig 1.
Continuous drain current as a function of
mounting base temperature
Fig 2.
Normalized total power dissipation as a
function of mounting base temperature
Fig 3.
Single-pulse and repetitive avalanche rating; avalanche current as a function of avalanche time
003aac267
0
100
200
300
0
50
100
150
200
Tmb (
°C)
ID
(A)
(1)
Tmb (°C)
0
200
150
50
100
03na19
40
80
120
Pder
(%)
0
V
GS
5V
(1) Capped at 100 A due to package.
P
der =
P
tot
P
tot(25°C)
× 100 %
003aac266
10
-1
1
10
10
2
10
3
10
-3
10
-2
10
-1
1
10
tAL (ms)
IAL
(A)
(1)
(2)
(3)
(1) Single pulse;T
j =25 °C.
(2) Single pulse;T
j = 150 °C.
(3) Repetitive.


Número de pieza similar - BUK9E2R4-40C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK9E2R3-40E NEXPERIA-BUK9E2R3-40E Datasheet
334Kb / 14P
   N-channel TrenchMOS logic level FET
BUK9E2R8-60E NEXPERIA-BUK9E2R8-60E Datasheet
334Kb / 14P
   N-channel TrenchMOS logic level FET
More results

Descripción similar - BUK9E2R4-40C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com