Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT162244DGG Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74ABT162244DGG
Descripción Electrónicos  16-bit buffer/line driver with 30 廓 series termination resistors 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT162244DGG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT162244DGG Datasheet HTML 2Page - NXP Semiconductors 74ABT162244DGG Datasheet HTML 3Page - NXP Semiconductors 74ABT162244DGG Datasheet HTML 4Page - NXP Semiconductors 74ABT162244DGG Datasheet HTML 5Page - NXP Semiconductors 74ABT162244DGG Datasheet HTML 6Page - NXP Semiconductors 74ABT162244DGG Datasheet HTML 7Page - NXP Semiconductors 74ABT162244DGG Datasheet HTML 8Page - NXP Semiconductors 74ABT162244DGG Datasheet HTML 9Page - NXP Semiconductors 74ABT162244DGG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74ABT162244
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 May 2010
6 of 15
NXP Semiconductors
74ABT162244
16-bit buffer/line driver with 30
Ω series termination resistors; 3-state
9.
Static characteristics
[1]
This parameter is valid for any VCC between 0 V and 2.1 V, with a transition time of up to 10 ms. From VCC = 2.1 V to VCC = 5 V ± 10 %,
a transition time of up to 100
μs is permitted.
[2]
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
[3]
This is the increase in supply current for each input at 3.4 V.
[4]
This data sheet limit may vary among suppliers.
Table 6.
Static characteristics
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C Unit
Min
Typ
Max
Min
Max
VIK
input clamping voltage VCC = 4.5 V; IIK = −18 mA
-
−0.9
−1.2
-
−1.2
V
VOH
HIGH-level output
voltage
VI = VIL or VIH
VCC = 4.5 V; IOH = −3 mA
2.5
2.9
-
2.5
-
V
VCC = 5.0 V; IOH = −3 mA
3.0
3.4
-
3.0
-
V
VCC = 4.5 V; IOH = −32 mA
2.0
2.4
-
2.0
-
V
VOL
LOW-level output
voltage
VI = VIL or VIH
VCC = 4.5 V; IOL =8mA
-
-
0.65
-
0.65
V
VCC = 4.5 V; IOL = 12 mA
-
-
0.80
-
0.80
V
II
input leakage current
VCC = 5.5 V; VI =VCC or GND
-
±0.01 ±1.0
-
±1.0
μA
IOFF
power-off leakage
current
VCC = 0 V; VI or VO ≤ 4.5 V
-
±5.0 ±100
-
±100
μA
IO(pu/pd)
power-up/power-down
output current
VCC = 2.0 V; VO =0.5 V;
VI =GND or VCC; nOE =HIGH
[1]
-
±5.0
±50
-
±50
μA
IOZ
OFF-state output
current
VCC = 5.5 V; VI = VIL or VIH
output HIGH-state at VO = 5.5 V
-
0.1
10
-
10
μA
output LOW-state at VO = 0 V
-
−0.1
−10
-
−10
μA
ILO
output leakage current HIGH-state; VO =5.5 V;
VCC =5.5 V; VI =GND or VCC
-5.0
50
-
50
μA
IO
output current
VCC = 5.5 V; VO = 2.5 V
[2]
−50
−100 −180
−50
−180
mA
ICC
supply current
VCC = 5.5 V; VI = GND or VCC
outputs HIGH-state
-
0.50
1.0
-
1.0
mA
outputs LOW-state
-
10
19
-
19
mA
outputs 3-state
-
0.50
1.0
-
1.0
mA
ΔI
CC
additional supply
current
per input pin; VCC = 5.5 V; one input
at 3.4 V and other inputs at VCC or
GND
[3][4]
-
100
250
-
250
μA
CI
input capacitance
VI = 0 V or VCC
-3-
-
-
pF
CI/O
input/output
capacitance
outputs disabled; VO =0 V or VCC
-7-
-
-
pF


Número de pieza similar - 74ABT162244DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT162244DGG PHILIPS-74ABT162244DGG Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABT162244DGG NXP-74ABT162244DGG Datasheet
91Kb / 14P
   16-bit buffer/line driver with 30 W series termination resistors; 3-state
Rev. 04-9 April 2009
logo
Nexperia B.V. All right...
74ABT162244DGG NEXPERIA-74ABT162244DGG Datasheet
212Kb / 11P
   16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
logo
Texas Instruments
74ABT162244DGGRE4 TI-74ABT162244DGGRE4 Datasheet
269Kb / 15P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ABT162244DGGRG4 TI1-74ABT162244DGGRG4 Datasheet
790Kb / 15P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Descripción similar - 74ABT162244DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244_15 Datasheet
112Kb / 15P
   16-bit buffer/line driver with 30 ??series termination resistors; 3-state
Rev. 6-3 November 2011
74ABT162244 NXP-74ABT162244 Datasheet
91Kb / 14P
   16-bit buffer/line driver with 30 W series termination resistors; 3-state
Rev. 04-9 April 2009
logo
Nexperia B.V. All right...
74ABT162244 NEXPERIA-74ABT162244 Datasheet
212Kb / 11P
   16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
logo
Nexperia B.V. All right...
74ALVCH162244 NEXPERIA-74ALVCH162244 Datasheet
185Kb / 14P
   16-bit buffer/line driver with 30 Ω termination resistor; 3-State
Rev. 3 - 16 January 2018
logo
NXP Semiconductors
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
logo
Nexperia B.V. All right...
74LVT162244B NEXPERIA-74LVT162244B Datasheet
214Kb / 11P
   3.3 V 16-bit buffer/driver with 30 Ω termination resistors; 3-state
Rev. 5 - 6 August 2021
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
logo
NXP Semiconductors
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com