Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHCT373 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza 74AHCT373
Descripción Electrónicos  Octal D-type transparant latch; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT373 Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHCT373 Datasheet HTML 1Page - NXP Semiconductors 74AHCT373 Datasheet HTML 2Page - NXP Semiconductors 74AHCT373 Datasheet HTML 3Page - NXP Semiconductors 74AHCT373 Datasheet HTML 4Page - NXP Semiconductors 74AHCT373 Datasheet HTML 5Page - NXP Semiconductors 74AHCT373 Datasheet HTML 6Page - NXP Semiconductors 74AHCT373 Datasheet HTML 7Page - NXP Semiconductors 74AHCT373 Datasheet HTML 8Page - NXP Semiconductors 74AHCT373 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74AHC_AHCT373_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 20 May 2008
4 of 17
NXP Semiconductors
74AHC373; 74AHCT373
Octal D-type transparant latch; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 6.
Pin configuration SO20 and TSSOP20
74AHC373
74AHCT373
OE
VCC
Q0
Q7
D0
D7
D1
D6
Q1
Q6
Q2
Q5
D2
D5
D3
D4
Q3
Q4
GND
LE
001aai132
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
Table 2.
Pin description
Symbol
Pin
Description
OE
1
3-state output enable input (active LOW)
Q0
2
3-state latch output
D0
3
data input
D1
4
data input
Q1
5
3-state latch output
Q2
6
3-state latch output
D2
7
data input
D3
8
data input
Q3
9
3-state latch output
GND
10
ground (0 V)
LE
11
latch enable input (active HIGH)
Q4
12
3-state latch output
D4
13
data input
D5
14
data input
Q5
15
3-state latch output
Q6
16
3-state latch output
D6
17
data input


Número de pieza similar - 74AHCT373

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHCT373 PHILIPS-74AHCT373 Datasheet
97Kb / 20P
   Octal D-type transparent latch; 3-state
1999 Nov 23
74AHCT373D PHILIPS-74AHCT373D Datasheet
97Kb / 20P
   Octal D-type transparent latch; 3-state
1999 Nov 23
74AHCT373PW PHILIPS-74AHCT373PW Datasheet
97Kb / 20P
   Octal D-type transparent latch; 3-state
1999 Nov 23
More results

Descripción similar - 74AHCT373

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC573 NXP-74AHC573_10 Datasheet
175Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 05-25 March 2010
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
logo
NXP Semiconductors
74AHC_AHCT573 PHILIPS-74AHC_AHCT573_15 Datasheet
139Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 7-8 November 2011
74AHC_AHCT373 PHILIPS-74AHC_AHCT373_15 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
logo
Fairchild Semiconductor
MM74HC573 FAIRCHILD-MM74HC573 Datasheet
88Kb / 8P
   3-STATE Octal D-Type Latch
logo
KODENSHI_AUK CORP.
KK74VHCT373 KODENSHI-KK74VHCT373 Datasheet
317Kb / 8P
   Octal d-type latch (3-state)
logo
ON Semiconductor
MM74HCT373 ONSEMI-MM74HCT373 Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HC373 FAIRCHILD-MM74HC373_05 Datasheet
101Kb / 8P
   3-STATE Octal D-Type Latch
logo
Integral Corp.
IN74VHCT373 INTEGRAL-IN74VHCT373 Datasheet
302Kb / 8P
   Octal d-type latch (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com