Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC103IYDT Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza TSC103IYDT
Descripción Electrónicos  High-voltage, high-side current sense amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC103IYDT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSC103IYDT Datasheet HTML 6Page - STMicroelectronics TSC103IYDT Datasheet HTML 7Page - STMicroelectronics TSC103IYDT Datasheet HTML 8Page - STMicroelectronics TSC103IYDT Datasheet HTML 9Page - STMicroelectronics TSC103IYDT Datasheet HTML 10Page - STMicroelectronics TSC103IYDT Datasheet HTML 11Page - STMicroelectronics TSC103IYDT Datasheet HTML 12Page - STMicroelectronics TSC103IYDT Datasheet HTML 13Page - STMicroelectronics TSC103IYDT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Parameter definitions
TSC103
10/23
Doc ID 16873 Rev 1
4
Parameter definitions
4.1
Common mode rejection ratio (CMR)
The common-mode rejection ratio (CMR) measures the ability of the current-sensing
amplifier to reject any DC voltage applied on both inputs Vp and Vm. The CMR is referred
back to the input so that its effect can be compared with the applied differential signal. The
CMR is defined by the formula:
4.2
Supply voltage rejection ratio (SVR)
The supply-voltage rejection ratio (SVR) measures the ability of the current-sensing
amplifier to reject any variation of the supply voltage VCC. The SVR is referred back to the
input so that its effect can be compared with the applied differential signal. The SVR is
defined by the formula:
4.3
Gain (Av) and input offset voltage (Vos)
The input offset voltage is defined as the intersection between the linear regression of the
Vout vs. Vsense curve with the X-axis (see Figure 4). If Vout1 is the output voltage with
Vsense =Vsense1 and Vout2 is the output voltage with Vsense =Vsense2, then Vos can be
calculated with the following formula.
CMR
20
ΔV
out
ΔV
icm
Av
------------------------------
log
=
SVR
20
ΔV
out
ΔV
CC
Av
------------------------------
log
=
V
os
V
sense1
V
sense1
V
sense2
V
out1
V
out2
------------------------------------------------
V
out1
⎝⎠
⎛⎞
=


Número de pieza similar - TSC103IYDT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
   High-voltage, high-side current sense amplifier
More results

Descripción similar - TSC103IYDT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
   High-voltage, high-side current sense amplifier
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
   High Voltage High-Side Current Sense Amplifier
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
   High side current sense amplifier
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
   High side current sense amplifier
logo
List of Unclassifed Man...
SI8540 ETC2-SI8540 Datasheet
173Kb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com