Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC54-74HC365 Datasheet(PDF) 1 Page - Motorola, Inc

No. de Pieza. MC54-74HC365
Descripción  Hex 3-State Noninverting Buffer with Common Enables
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC54-74HC365 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 6
© Motorola, Inc. 1995
10/95
Hex 3-State Noninverting
Buffer with Common Enables
High–Performance Silicon–Gate CMOS
The MC54/74HC365 is identical in pinout to the LS365. The device inputs
are compatible with standard CMOS outputs; with pullup resistors, they are
compatible with LSTTL outputs.
This device is a high–speed hex buffer with 3–state outputs and two
common active–low Output Enables. When either of the enables is high, the
buffer outputs are placed into high–impedance states. The HC365 has
noninverting outputs.
• Output Drive Capability: 15 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2 to 6 V
• Low Input Current: 1 µA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
• Chip Complexity: 90 FETs or 22.5 Equivalent Gates
LOGIC DIAGRAM
A3
A4
A5
A0
A1
A2
2
4
6
10
12
14
OUTPUT ENABLE 1
1
15
PIN 16 = VCC
PIN 8 = GND
OUTPUT ENABLE 2
Y3
Y4
Y5
Y0
Y1
Y2
3
5
7
9
11
13
MC54/74HC365
PIN ASSIGNMENT
FUNCTION TABLE
X = don’t care
Z = high impedance
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
A4
Y5
A5
OUTPUT
ENABLE 2
VCC
Y3
A3
Y4
A1
Y0
A0
OUTPUT
ENABLE 1
GND
Y2
A2
Y1
Inputs
Output
Enable
1
Enable
2
A
Y
L
L
H
X
L
L
X
H
L
H
X
X
L
H
Z
Z
N SUFFIX
PLASTIC PACKAGE
CASE 648–08
ORDERING INFORMATION
MC54HCXXXJ
MC74HCXXXN
MC74HCXXXDT
Ceramic
Plastic
TSSOP
1
16
1
16
DT SUFFIX
TSSOP PACKAGE
CASE 948F–01
J SUFFIX
CERAMIC PACKAGE
CASE 620–10
1
16


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn