Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM3470 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADUM3470
Descripción Electrónicos  PWM Controller and Transformer Driver with Quad-Channel Isolators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM3470 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUM3470 Datasheet HTML 3Page - Analog Devices ADUM3470 Datasheet HTML 4Page - Analog Devices ADUM3470 Datasheet HTML 5Page - Analog Devices ADUM3470 Datasheet HTML 6Page - Analog Devices ADUM3470 Datasheet HTML 7Page - Analog Devices ADUM3470 Datasheet HTML 8Page - Analog Devices ADUM3470 Datasheet HTML 9Page - Analog Devices ADUM3470 Datasheet HTML 10Page - Analog Devices ADUM3470 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
Rev. 0 | Page 7 of 32
ELECTRICAL CHARACTERISTICS—5 V PRIMARY INPUT SUPPLY/3.3 V SECONDARY ISOLATED SUPPLY
4.5 V ≤ (VDD1 = VDDA) ≤ 5.5 V; VDD2 = VREG = VISO = 3.3 V; fSW = 500 kHz; all voltages are relative to their respective grounds; see the
application schematic in Figure 38. All minimum/maximum specifications apply over the entire recommended operating range, unless otherwise
noted. All typical specifications are at TA = 25°C, VDD1 = VDDA = 5.0 V, VDD2 = VREG = VISO = 3.3 V.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER POWER SUPPLY
Isolated Output Voltage
VISO
3.0
3.3
3.6
V
IISO = 0 mA, VISO = VFB × (R1 + R2)/R2
Feedback Voltage Setpoint
VFB
1.15
1.25
1.35
V
IISO = 0 mA
Line Regulation
VISO (LINE)
1
10
mV/V
IISO = 50 mA, VCC = 4.5 V to 5.5 V
Load Regulation
VISO (LOAD)
1
2
%
IISO = 50 mA to 200 mA
Output Ripple
VISO (RIP)
50
mV p-p
20 MHz bandwidth,
COUT = 0.1 μF||47 μF, IISO = 100 mA
Output Noise
VISO (N)
100
mV p-p
20 MHz bandwidth,
COUT = 0.1 μF||47 μF, IISO = 100 mA
Switching Frequency
fSW
1000
kHz
ROC = 50 kΩ
200
kHz
ROC = 270 kΩ
209
318
515
kHz
VOC = VDD2 (open loop)
Switch On-Resistance
RON
0.5
Ω
Undervoltage Lockout, VCC, VDD2 Supplies
Positive Going Threshold
VUV+
2.8
V
Negative Going Threshold
VUV−
2.6
V
Hysteresis
VUVH
0.2
V
iCoupler DATA CHANNELS
DC to 2 Mbps Data Rate1
Maximum Output Supply Current2
IISO (MAX)
400
mA
f ≤ 1 MHz, VISO = 3.3 V
Efficiency at Maximum Output
Supply Current3
70
%
IISO = IISO (MAX), f ≤ 1 MHz
ICC Supply Current, No VISO Load
ICC (Q)
IISO = 0 mA, f ≤ 1 MHz
ADuM3470
9
30
mA
ADuM3471
9
30
mA
ADuM3472
10
30
mA
ADuM3473
10
30
mA
ADuM3474
10
30
mA
25 Mbps Data Rate (CRWZ Grade Only)
ICC Supply Current, No VISO Load
ICC (D)
ADuM3470
33
mA
IISO = 0 mA, CL = 15 pF, f = 12.5 MHz
ADuM3471
33
mA
IISO = 0 mA, CL = 15 pF, f = 12.5 MHz
ADuM3472
33
mA
IISO = 0 mA, CL = 15 pF, f = 12.5 MHz
ADuM3473
33
mA
IISO = 0 mA, CL = 15 pF, f = 12.5 MHz
ADuM3474
33
mA
IISO = 0 mA, CL = 15 pF, f = 12.5 MHz
Available VISO Supply Current4
IISO (LOAD)
ADuM3470
393
mA
CL = 15 pF, f = 12.5 MHz
ADuM3471
392
mA
CL = 15 pF, f = 12.5 MHz
ADuM3472
390
mA
CL = 15 pF, f = 12.5 MHz
ADuM3473
389
mA
CL = 15 pF, f = 12.5 MHz
ADuM3474
388
mA
CL = 15 pF, f = 12.5 MHz
ICC Supply Current, Full VISO Load
ICC (MAX)
375
mA
CL = 0 pF, f = 0 MHz, VDD = 5 V,
IISO = 400 mA
I/O Input Currents
IIA, IIB, IIC, IID
−20
+0.01
+20
μA
Logic High Input Threshold
VIH
2.0
V
Logic Low Input Threshold
VIL
0.8
V


Número de pieza similar - ADUM3470

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM3470 AD-ADUM3470 Datasheet
793Kb / 36P
   PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. B
ADUM3470ARSZ AD-ADUM3470ARSZ Datasheet
793Kb / 36P
   PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. B
ADUM3470CRSZ AD-ADUM3470CRSZ Datasheet
793Kb / 36P
   PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. B
ADUM3470WARSZ AD-ADUM3470WARSZ Datasheet
793Kb / 36P
   PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. B
ADUM3470WCRSZ AD-ADUM3470WCRSZ Datasheet
793Kb / 36P
   PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. B
More results

Descripción similar - ADUM3470

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM3470 AD-ADUM3470_V01 Datasheet
793Kb / 36P
   PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. B
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1402 AD-ADUM1402_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com