Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA19977BHV Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza TDA19977BHV
Descripción Electrónicos  Triple input HDMI 1.4a compliant receiver interface with equalizer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19977BHV Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA19977BHV Datasheet HTML 1Page - NXP Semiconductors TDA19977BHV Datasheet HTML 2Page - NXP Semiconductors TDA19977BHV Datasheet HTML 3Page - NXP Semiconductors TDA19977BHV Datasheet HTML 4Page - NXP Semiconductors TDA19977BHV Datasheet HTML 5Page - NXP Semiconductors TDA19977BHV Datasheet HTML 6Page - NXP Semiconductors TDA19977BHV Datasheet HTML 7Page - NXP Semiconductors TDA19977BHV Datasheet HTML 8Page - NXP Semiconductors TDA19977BHV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TDA19977A_TDA19977B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 19 November 2010
3 of 40
NXP Semiconductors
TDA19977A; TDA19977B
Triple input HDMI receiver interface with digital processing
1.8 V and 3.3 V power supplies
Lead-free (Pb) HLQFP144 package
3.
Applications
4.
Quick reference data
[1]
x = A, B or C.
[2]
At 30 % activity on video port output.
[3]
HDCP decoding is only supported by the TDA19977A.
HDTV
High-end TV
YCbCr or RGB HI-Speed video digitizer
Home theater amplifier
Projector, plasma and LCD TV
DVD recorder
Rear projection TV
AVR and HDMI splitter
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Digital inputs: pins RXxC+, RXxC
− [1]
fclk(max)
maximum clock frequency
205
-
-
MHz
Clock timing output: pins VCLK, ACLK and SYSCLK
fclk(max)
maximum clock frequency
pin VCLK
165
-
-
MHz
pin ACLK
25
-
-
MHz
pin SYSCLK
50
-
-
MHz
Supplies
VDDH(3V3) HDMI supply voltage (3.3 V)
3.135
3.3
3.465
V
VDDH(1V8) HDMI supply voltage (1.8 V)
1.71
1.8
1.89
V
VDDI(3V3)
input supply voltage (3.3 V)
3.135
3.3
3.465
V
VDDC(1V8) core supply voltage (1.8 V)
1.71
1.8
1.89
V
VDDO(3V3) output supply voltage (3.3 V)
3.135
3.3
3.465
V
P
power dissipation
Active mode
[2]
720p at 60 Hz
-
0.75
-
W
1080p at 60 Hz
-
1.13
-
W
1080p at 60 Hz; Deep Color mode
-
1.63
-
W
Pcons
power consumption
Power-down mode
pin PD = HIGH
-
1
-
mW
I2C-bus; EDID and HDCP[3] memory
power-up
-4
-mW
I2C-bus; EDID; activity detection and
HDCP[3] memory power-up
-
150
-
mW


Número de pieza similar - TDA19977BHV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA19978A NXP-TDA19978A Datasheet
287Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 03-16 April 2010
TDA19978AHV NXP-TDA19978AHV Datasheet
287Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 03-16 April 2010
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19978BHV NXP-TDA19978BHV Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
More results

Descripción similar - TDA19977BHV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59911 INTERSIL-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Renesas Technology Corp
ISL59911 RENESAS-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Intersil Corporation
ISL59911IRZ INTERSIL-ISL59911IRZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com