Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74CBTLV3257 Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74CBTLV3257
Descripción Electrónicos  Quad 1-of-2 multiplexer/demultiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74CBTLV3257 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74CBTLV3257 Datasheet HTML 3Page - NXP Semiconductors 74CBTLV3257 Datasheet HTML 4Page - NXP Semiconductors 74CBTLV3257 Datasheet HTML 5Page - NXP Semiconductors 74CBTLV3257 Datasheet HTML 6Page - NXP Semiconductors 74CBTLV3257 Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3257 Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3257 Datasheet HTML 9Page - NXP Semiconductors 74CBTLV3257 Datasheet HTML 10Page - NXP Semiconductors 74CBTLV3257 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
74CBTLV3257
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 26 November 2010
7 of 19
NXP Semiconductors
74CBTLV3257
Quad 1-of-2 multiplexer/demultiplexer
(1) Tamb = 125 C.
(2) Tamb = 85 C.
(3) Tamb = 25 C.
(4) Tamb = 40 C.
(1) Tamb = 125 C.
(2) Tamb = 85 C.
(3) Tamb = 25 C.
(4) Tamb = 40 C.
Fig 9.
ON resistance as a function of input voltage;
VCC = 2.5 V; ISW = 24 mA
Fig 10. ON resistance as a function of input voltage;
VCC = 2.5 V; ISW = 64 mA
VI (V)
0
2.5
2.0
1.0
1.5
0.5
001aai110
7
5
9
11
RON
(
Ω)
3
(1)
(3)
(4)
(2)
VI (V)
0
2.5
2.0
1.0
1.5
0.5
001aai111
7
5
9
11
RON
(
Ω)
3
(1)
(3)
(4)
(2)
(1) Tamb = 125 C.
(2) Tamb = 85 C.
(3) Tamb = 25 C.
(4) Tamb = 40 C.
(1) Tamb = 125 C.
(2) Tamb = 85 C.
(3) Tamb = 25 C.
(4) Tamb = 40 C.
Fig 11. ON resistance as a function of input voltage;
VCC = 3.3 V; ISW = 15 mA
Fig 12. ON resistance as a function of input voltage;
VCC = 3.3 V; ISW = 24 mA
VI (V)
04
3
12
001aai105
4
6
8
RON
(
Ω)
2
(1)
(4)
(2)
(3)
VI (V)
04
3
12
001aai106
4
6
8
RON
(
Ω)
2
(1)
(4)
(2)
(3)


Número de pieza similar - 74CBTLV3257

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
74CBTLV3257 RENESAS-74CBTLV3257 Datasheet
268Kb / 6P
   LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH
MAY 2019
logo
Nexperia B.V. All right...
74CBTLV3257 NEXPERIA-74CBTLV3257 Datasheet
359Kb / 21P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 8 - 21 March 2023
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
74CBTLV3257BQ NEXPERIA-74CBTLV3257BQ Datasheet
359Kb / 21P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 8 - 21 March 2023
74CBTLV3257BQ-Q100 NEXPERIA-74CBTLV3257BQ-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
More results

Descripción similar - 74CBTLV3257

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
CBT3257A PHILIPS-CBT3257A Datasheet
92Kb / 16P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
logo
Nexperia B.V. All right...
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
logo
Toshiba Semiconductor
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
logo
NXP Semiconductors
74CBTLV3257 PHILIPS-74CBTLV3257_15 Datasheet
174Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 4-16 December 2011
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
CBT3257 PHILIPS-CBT3257 Datasheet
102Kb / 11P
   Quad 1-of-2 multiplexer/demultiplexer
2002 Dec 13
logo
Toshiba Semiconductor
TC7MB3257FK TOSHIBA-TC7MB3257FK_07 Datasheet
169Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com