Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC240 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74AHC240
Descripción Electrónicos  Octal buffer/line driver; inverting; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC240 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AHC240 Datasheet HTML 7Page - NXP Semiconductors 74AHC240 Datasheet HTML 8Page - NXP Semiconductors 74AHC240 Datasheet HTML 9Page - NXP Semiconductors 74AHC240 Datasheet HTML 10Page - NXP Semiconductors 74AHC240 Datasheet HTML 11Page - NXP Semiconductors 74AHC240 Datasheet HTML 12Page - NXP Semiconductors 74AHC240 Datasheet HTML 13Page - NXP Semiconductors 74AHC240 Datasheet HTML 14Page - NXP Semiconductors 74AHC240 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
74AHC_AHCT240
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 26 November 2010
11 of 16
NXP Semiconductors
74AHC240; 74AHCT240
Octal buffer/line driver; inverting; 3-state
Fig 9.
Package outline SOT360-1 (TSSOP20)
UNIT
A1
A2
A3
bp
cD (1)
E (2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
6.6
6.4
4.5
4.3
0.65
6.6
6.2
0.4
0.3
0.5
0.2
8
0
o
o
0.13
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
0.75
0.50
SOT360-1
MO-153
99-12-27
03-02-19
w M
b p
D
Z
e
0.25
110
20
11
pin 1 index
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
HE
E
c
v M A
X
A
y
0
2.5
5 mm
scale
TSSOP20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
A
max.
1.1


Número de pieza similar - 74AHC240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC244 PHILIPS-74AHC244 Datasheet
80Kb / 16P
   Octal buffer/line driver; 3-state
1999 Sep 28
74AHC244 NXP-74AHC244 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
logo
Nexperia B.V. All right...
74AHC244 NEXPERIA-74AHC244 Datasheet
264Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 6 - 2 July 2020
74AHC244-Q100 NEXPERIA-74AHC244-Q100 Datasheet
824Kb / 17P
   Octal buffer/line driver; 3-state
logo
NXP Semiconductors
74AHC244BQ NXP-74AHC244BQ Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
More results

Descripción similar - 74AHC240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
   Octal buffer/line driver; inverting 3-state
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74AHCT240 NEXPERIA-74AHCT240 Datasheet
238Kb / 13P
   Octal buffer/line driver; inverting; 3-state
Rev. 6 - 29 June 2020
logo
NXP Semiconductors
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74HC540D-T NXP-74HC540D-T Datasheet
50Kb / 7P
   Octal buffer/line driver; 3-state inverting
December 1990
logo
Nexperia B.V. All right...
74HC540-Q100 NEXPERIA-74HC540-Q100 Datasheet
797Kb / 16P
   Octal buffer/line driver; 3-state; inverting
74HC240-Q100 NEXPERIA-74HC240-Q100 Datasheet
256Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
74LV540A NEXPERIA-74LV540A Datasheet
740Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 1 - 24 November 2016
logo
NXP Semiconductors
74HC240 NXP-74HC240 Datasheet
112Kb / 18P
   Octal buffer/line driver; 3-state; inverting
Rev. 03-2 August 2007
74HC540 PHILIPS-74HC540 Datasheet
51Kb / 7P
   Octal buffer/line driver; 3-state; inverting
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com