Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28110FBZ Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL28110FBZ
Descripción Electrónicos  Precision Low Noise JFET Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28110FBZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL28110FBZ Datasheet HTML 3Page - Intersil Corporation ISL28110FBZ Datasheet HTML 4Page - Intersil Corporation ISL28110FBZ Datasheet HTML 5Page - Intersil Corporation ISL28110FBZ Datasheet HTML 6Page - Intersil Corporation ISL28110FBZ Datasheet HTML 7Page - Intersil Corporation ISL28110FBZ Datasheet HTML 8Page - Intersil Corporation ISL28110FBZ Datasheet HTML 9Page - Intersil Corporation ISL28110FBZ Datasheet HTML 10Page - Intersil Corporation ISL28110FBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ISL28110, ISL28210
7
FN6639.0
September 13, 2010
OUTPUT CHARACTERISTICS
VOL
Output Voltage Low,
VOUT to V-
RL = 10kΩ
0.8
1.0
V
1.1
V
RL = 2kΩ
0.9
1.1
V
1.2
V
VOH
Output Voltage High,
V+ to VOUT
RL to GND = 10kΩ
0.8
1.0
V
1.1
V
RL to GND = 2kΩ
0.9
1.1
V
1.2
V
ISC
Output Short Circuit Current
RL = 10Ω to V+. V-
±50
mA
POWER SUPPLY
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±20V
102
115
dB
100
dB
IS
Supply Current/Amplifier
2.55
3.1
mA
3.9
mA
NOTE:
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
9. Limits established by characterization and are not production tested.
Electrical Specifications VS = ±15V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply
over the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, T = +25°C, unless otherwise
specified.
FIGURE 1. INPUT OFFSET VOLTAGE (VOS)
DISTRIBUTION
FIGURE 2. TCVOS DISTRIBUTION, -40°C to +125°C
VOS (µV)
0
50
100
150
200
250
-150
-100
-50
0
50
100
150
200
250
VS = ±15V
TCVOS(µV/C)
0
5
10
15
20
25
-10
-8
-6
-4
-2
0
2
4
6
8
10
VS = ±15V
TA = -40°C TO +125°C
ISL28110, ISL28210


Número de pieza similar - ISL28110FBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28110FBZ INTERSIL-ISL28110FBZ Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
ISL28110FBZ INTERSIL-ISL28110FBZ Datasheet
900Kb / 23P
   Precision Low Noise JFET Operational Amplifiers
November 29, 2012
logo
Renesas Technology Corp
ISL28110FBZ RENESAS-ISL28110FBZ Datasheet
1Mb / 23P
   Precision Low Noise JFET Operational Amplifiers
More results

Descripción similar - ISL28110FBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL28110 RENESAS-ISL28110 Datasheet
1Mb / 23P
   Precision Low Noise JFET Operational Amplifiers
logo
Intersil Corporation
ISL28110_1012 INTERSIL-ISL28110_1012 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
ISL28110 INTERSIL-ISL28110_11 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
ISL28110FBZ INTERSIL-ISL28110FBZ Datasheet
900Kb / 23P
   Precision Low Noise JFET Operational Amplifiers
November 29, 2012
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL072CDT STMICROELECTRONICS-TL072CDT Datasheet
323Kb / 16P
   Low noise JFET dual operational amplifiers
logo
Texas Instruments
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com