Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9881TS Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza TDA9881TS
Descripción Electrónicos  Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9881TS Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9881TS Datasheet HTML 1Page - NXP Semiconductors TDA9881TS Datasheet HTML 2Page - NXP Semiconductors TDA9881TS Datasheet HTML 3Page - NXP Semiconductors TDA9881TS Datasheet HTML 4Page - NXP Semiconductors TDA9881TS Datasheet HTML 5Page - NXP Semiconductors TDA9881TS Datasheet HTML 6Page - NXP Semiconductors TDA9881TS Datasheet HTML 7Page - NXP Semiconductors TDA9881TS Datasheet HTML 8Page - NXP Semiconductors TDA9881TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
9397 750 13417
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 16 November 2004
3 of 42
Philips Semiconductors
TDA9881
Alignment-free vision and FM sound IF PLL demodulator
[1]
Values of video and sound parameters can be decreased at VP = 4.5 V.
[2]
The time constant (R
× C) at the supply must be > 1.2 µs (e.g. 1 Ω and 2.2 µF).
[3]
Condition: luminance range (5 steps) from 0 % to 100 %.
[4]
AC load: CL < 20 pF and RL >1kΩ. The sound carrier frequencies (depending on the TV standard) are attenuated by the integrated
sound carrier traps (see Figure 12 to Figure 17;
H(s) is the absolute value of the transfer function).
[5]
S/NW(video) is the ratio of the black-to-white amplitude to the black level noise voltage (RMS value measured on pin CVBS). B = 5 MHz
(B/G, I and D/K standard). Noise analyzer setting: 200 kHz high-pass and SC-trap switched on.
[6]
Conditions: video signal, grey level and negative modulation.
[7]
The intercarrier output signal at pin QSSO can be calculated by the following formula taking into account the internal video signal with
1.1 V (p-p) as a reference:
(RMS)
where:
is the correction term for RMS value,
is the sound-to-picture carrier ratio at pins VIF1 and VIF2 in dB, 6 dB is
the correction term of internal circuitry and
± 3 dB is the tolerance of video output and intercarrier output V
o(intc)(rms).
[8]
Pin REF is able to operate as a 1-pin crystal oscillator input as well as an external reference signal input, e.g. from the tuning system.
5.
Ordering information
PSRRFMSO
power supply ripple rejection
on pin FMSO
FM: fripple =70Hz;
see Figure 5
14
20
-
dB
Vo(intc)(rms)
IF intercarrier output level
(RMS value)
QSS mode; SC1;SC2 off
90
140
210
mV
intercarrier mode;
PC/SC1 = 20 dB; SC2 off
[7] -75
-
mV
Reference frequency
fref
reference signal frequency
[8] -4
-MHz
Vref(rms)
reference signal voltage
(RMS value)
operation as input
terminal
80
-
400
mV
Table 1:
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V
o(intc)
1.1 V (p-p)
1
22
----------
×
10
V
iSC
()
V
iPC
()
----------------- dB
() 6 dB 3 dB
±
+
20
-----------------------------------------------------------------
×
=
1
22
----------
V
iSC
()
V
iPC
()
---------------- dB
()
Table 2:
Ordering information
Type number
Package
Name
Description
Version
TDA9881TS
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
TDA9881HN
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
× 5 × 0.85 mm
SOT617-3


Número de pieza similar - TDA9881TS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9880T PHILIPS-TDA9880T Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9882HN NXP-TDA9882HN Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9882TS NXP-TDA9882TS Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
More results

Descripción similar - TDA9881TS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
   FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
NXP Semiconductors
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
logo
TEMIC Semiconductors
U2861B TEMIC-U2861B Datasheet
263Kb / 11P
   Mono FM Sound Demodulator for TV Systems
logo
Siemens Semiconductor G...
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
logo
TEMIC Semiconductors
U2860BB TEMIC-U2860BB Datasheet
417Kb / 11P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
ATMEL Corporation
U2860B-M ATMEL-U2860B-M Datasheet
336Kb / 14P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
STMicroelectronics
TDA8192 STMICROELECTRONICS-TDA8192 Datasheet
44Kb / 5P
   MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com