Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8023TT Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza TDA8023TT
Descripción Electrónicos  Low power IC card interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8023TT Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8023TT Datasheet HTML 1Page - NXP Semiconductors TDA8023TT Datasheet HTML 2Page - NXP Semiconductors TDA8023TT Datasheet HTML 3Page - NXP Semiconductors TDA8023TT Datasheet HTML 4Page - NXP Semiconductors TDA8023TT Datasheet HTML 5Page - NXP Semiconductors TDA8023TT Datasheet HTML 6Page - NXP Semiconductors TDA8023TT Datasheet HTML 7Page - NXP Semiconductors TDA8023TT Datasheet HTML 8Page - NXP Semiconductors TDA8023TT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TDA8023_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 16 July 2007
4 of 32
NXP Semiconductors
TDA8023
Low power IC card interface
7.
Pinning information
7.1 Pinning
Fig 2.
Block diagram with inductive DC-to-DC converter
001aag337
100 nF
100 nF
CCDEL
R1
R2
10
µF
6.8
µH
LX
100 nF
4.7
µF
SUPPLY
SUPERVISOR
DC-TO-DC CONVERTER
I2C-BUS
INTERFACE
16
CLK
18
RST
VUP
GNDP
26
VDDP
17
1
24
VCC
19
PRES
3
SDWN
9
CLKIN
6
SCL
7
SAD0
8
SPRES
2
INT
4
VDDI
10
GND
20
PORADJ
optional
external
resistor
bridge
21
CDEL
15
GNDC
12
C8
13
C4
14
I/O
11
I/OUC
5
SDA
SEQUENCER
CLOCK
COUNTER
CARD
DRIVERS
TDA8023
22
VDD
27
SBP
25
SBM
23
SAM
28
SAP
Fig 3.
Pin configuration TDA8023TT
TDA8023TT
VUP
SAP
INT
SBP
SDWN
VDDP
VDDI
SBM
SDA
GNDP
SCL
SAM
SAD0
VDD
SPRES
CDEL
CLKIN
PORADJ
GND
PRES
I/OUC
RST
C8
VCC
C4
CLK
I/O
GNDC
001aag338
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
18
17
20
19
22
21
24
23
26
25
28
27


Número de pieza similar - TDA8023TT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8020 PHILIPS-TDA8020 Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
TDA8020HL PHILIPS-TDA8020HL Datasheet
143Kb / 28P
   Dual IC card interface
2003 Nov 06
TDA8020HLC1 PHILIPS-TDA8020HLC1 Datasheet
143Kb / 28P
   Dual IC card interface
2003 Nov 06
TDA8020HLC2 PHILIPS-TDA8020HLC2 Datasheet
143Kb / 28P
   Dual IC card interface
2003 Nov 06
More results

Descripción similar - TDA8023TT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCN8026A ONSEMI-NCN8026A Datasheet
166Kb / 14P
   Compact Low Power Smart Card Interface IC
January, 2013 ??Rev. 2
NCN8026A ONSEMI-NCN8026A_16 Datasheet
125Kb / 15P
   Compact Low Power Smart Card Interface IC
May, 2016 ??Rev. 7
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002C PHILIPS-TDA8002C Datasheet
139Kb / 28P
   IC card interface
1999 Oct 12
TDA8025 PHILIPS-TDA8025 Datasheet
178Kb / 38P
   IC card interface
Rev. 01-6 April 2009
TDA8024 NXP-TDA8024 Datasheet
181Kb / 29P
   IC card interface
2004 July 12
logo
ARTSCHIP ELECTRONICS CO...
TDA8024 ARTSCHIP-TDA8024 Datasheet
3Mb / 25P
   IC card interface
logo
NXP Semiconductors
TDA8024 PHILIPS-TDA8024 Datasheet
172Kb / 29P
   IC card interface
2004 July 12
TDA8004T PHILIPS-TDA8004T Datasheet
109Kb / 24P
   IC card interface
1999 Dec 30
TDA8004AT PHILIPS-TDA8004AT Datasheet
132Kb / 22P
   IC card interface
2004 May 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com