Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA5777HL Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza TEA5777HL
Descripción Electrónicos  Low-power AM/FM stereo radio for handheld applications
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA5777HL Datasheet(HTML) 3 Page - NXP Semiconductors

  TEA5777HL Datasheet HTML 1Page - NXP Semiconductors TEA5777HL Datasheet HTML 2Page - NXP Semiconductors TEA5777HL Datasheet HTML 3Page - NXP Semiconductors TEA5777HL Datasheet HTML 4Page - NXP Semiconductors TEA5777HL Datasheet HTML 5Page - NXP Semiconductors TEA5777HL Datasheet HTML 6Page - NXP Semiconductors TEA5777HL Datasheet HTML 7Page - NXP Semiconductors TEA5777HL Datasheet HTML 8Page - NXP Semiconductors TEA5777HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
TEA5777_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 11 April 2006
2 of 47
Philips Semiconductors
TEA5777
Low-power AM/FM stereo radio for handheld applications
2.3 FM
I High input sensitivity
I Fully integrated FM IF selectivity
I Fully integrated FM demodulator (no external discriminator)
I Integrated image rejection mixer structure
I RF LC oscillator operating with low cost fixed inductors (referenced to ground)
I FM I/Q mixer for conversion of the US, Europe, Japanese and OIRT band to IF
I Fully integrated, adjustment free, stereo decoder
I Signal dependent mono or stereo blend (with on and off function)
I FM stereo readout via the bus and silent readout mode
I RDS MPX output available
I Stereo decoder can be switched off via the bus
I Integrated anti-birdy filter
3.
Applications
I Portable AM/FM stereo radio
I Mini and midi receiver sets
I PC radio applications
I GSM handsets
4.
Quick reference data
Table 1.
Quick reference data
VCCA =VCCD = 3 V; Tamb =25 °C; all AC values are given in RMS.
See Figure 9 for details on the dummy inputs Vi1, Vi2 and Vi3.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
General
VCCA
analog supply voltage
2.7
3.0
7.0
V
VCCD
digital supply voltage
2.7
3.0
5.0
V
ICCA
analog supply current
FM mode
10
13.9
17
mA
AM mode
8
9.8
11
mA
Standby mode
via bus control
-
0.03
0.15
mA
ICCD
digital supply current
FM mode
0.5
0.8
1.5
mA
AM mode
0.5
0.8
1.5
mA
Standby mode
via bus control
-
0.13
0.25
mA
Tamb
ambient temperature
−10
-
+65
°C
Tuning
VO
output voltage
tuning voltage range
on pin CPOUT
0.2
-
VCCA
0.3
V


Número de pieza similar - TEA5777HL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TEA5705 STMICROELECTRONICS-TEA5705 Datasheet
271Kb / 10P
   ADVANCED 4-HEAD PLAY-BACK AND RECORD AMPLIFIER FOR VCR
logo
NXP Semiconductors
TEA5710 PHILIPS-TEA5710 Datasheet
229Kb / 25P
   AM/FM radio receiver circuit
March 1994
TEA5710T PHILIPS-TEA5710T Datasheet
229Kb / 25P
   AM/FM radio receiver circuit
March 1994
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
TEA5711T PHILIPS-TEA5711T Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
More results

Descripción similar - TEA5777HL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA5768HL PHILIPS-TEA5768HL Datasheet
196Kb / 36P
   Low-power FM stereo radio for handheld applications
2004 Sep 13
TEA5767HN PHILIPS-TEA5767HN Datasheet
199Kb / 39P
   Low-power FM stereo radio for handheld applications
Rev. 04-20 February 2006
TEA5767HL PHILIPS-TEA5767HL Datasheet
187Kb / 36P
   Low-power FM stereo radio for handheld applications
2004 Sep 13
logo
Sony Corporation
CXA1538M SONY-CXA1538M Datasheet
299Kb / 15P
   FM STEREO/AM RADIO
logo
NXP Semiconductors
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
TEA5712 PHILIPS-TEA5712 Datasheet
400Kb / 28P
   AM/FM stereo DTS radio circuit
September 1994
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
   AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
BA1451F ROHM-BA1451F Datasheet
134Kb / 8P
   AM radio / FM IF stereo system IC
BA1450S ROHM-BA1450S Datasheet
181Kb / 10P
   AM radio / FM IF stereo system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com