Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LK112M18TR Datasheet(PDF) 5 Page - STMicroelectronics |
|
LK112M18TR Datasheet(HTML) 5 Page - STMicroelectronics |
5 / 17 page LK112xx Maximum ratings 5/17 3 Maximum ratings Table 3. Absolute maximum ratings Symbol Parameter Value Unit VI DC input voltage 16 V VSHDN DC input voltage 16 V IO Output current Internally limited TSTG Storage temperature range -55 to 150 °C TOP Operating junction temperature range -40 to 125 °C Table 4. Thermal data Symbol Parameter SOT23-5L Unit RthJC Thermal resistance junction-case 81 °C/W RthJA Thermal resistance junction-ambient 255 °C/W |
Número de pieza similar - LK112M18TR |
|
Descripción similar - LK112M18TR |