Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLI-343M8G Datasheet(PDF) 1 Page - Rohm

No. de pieza SLI-343M8G
Descripción Electrónicos  3.1(T-1) Circular Type Standard Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SLI-343M8G Datasheet(HTML) 1 Page - Rohm

  SLI-343M8G Datasheet HTML 1Page - Rohm SLI-343M8G Datasheet HTML 2Page - Rohm SLI-343M8G Datasheet HTML 3Page - Rohm SLI-343M8G Datasheet HTML 4Page - Rohm SLI-343M8G Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Pure Green
Green(Yellowish Green)
Yellow
Orange
Red
AlGaInP on GaAs
SLI-343V8RC
SLI-343D8C
SLI-343U8RC
SLI-343Y8C
SLI-343M8C
SLI-343P8C
EXCELEDTM
SLI-343P8C
SLI-343M8C
SLI-343Y8C
SLI-343D8C
SLI-343U8RC
SLI-343V8RC
Pure Green
Yellow
Orange
Red
54
20
100
9
-30 to +85
-40 to +100
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
(
°C)
Storage
temperature
Tstg
(
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(µA)
VR
(V)
Peak Half-wave
∆λ
Resin Color
10
9
20
20
SLI-343P8C
SLI-343M8C
SLI-343Y8C
SLI-343D8C
SLI-343U8RC
SLI-343V8RC
560
572
593
611
630
639
10
68
330
150
22
150
680
330
18
17
19
18
20
Transparent
Colored
2.2
20
:Duty
1/10,1kHz.
Emitting Color
Material
Emitting Surface
Dimension(mm)
Part No.
Directivity (Typ.)
Dimensions (Unit:mm)
Tolerance:±0.2
(2.5)
CATHODE
φ3.8±0.3
φ3.1
2-
0.4±0.1
4-0.5 +0.2
-0.1
Packaging Specifications (Unit:mm)
Packaging
Tape
2000pcs/Box
158
48
340
Bulk(3F):2000pcs/Box
70
100
170
Straight Type:T32
Recommended Pad Layout
(Unit:mm)
1.0
2.0
2.5
±0.1
Absolute Maximum Ratings (Ta=25
°C)
Electrical Optical Characteristics (Ta=25
°C)
12.7±1.0
6.35±0.4
0±1.0
φ4.0±0.2
2.5±0.8
5.1±0.8
12.7±0.3
φ3.1±0.2
0±2.0
SLI-343
8 Series (Transparent Colored Type)
φ3.1(T-1) Circular Type Standard Type
<Viewing Angle 2
θ1/2 40°>
RELATIVE LUMINOUS INTENSITY (%)
Angular Displacement (deg)
φ3.1
0
50
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
50
Green
(Yellowish Green)


Número de pieza similar - SLI-343M8G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SLI-343M8G ROHM-SLI-343M8G Datasheet
145Kb / 4P
   Viewing angle 2 1/2 40
SLI-343M8G ROHM-SLI-343M8G Datasheet
145Kb / 4P
   High brightness
More results

Descripción similar - SLI-343M8G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SLA-360MT ROHM-SLA-360MT Datasheet
141Kb / 3P
   3.1(T-1) Circular Type High Brightness Type
SLI-343URC3FWT ROHM-SLI-343URC3FWT Datasheet
132Kb / 3P
   3.1(T-1) Circular Type High Brightness Type
SLR343WBC7T ROHM-SLR343WBC7T Datasheet
94Kb / 2P
   3.1(T-1) Circular Type Standard Type
SLR-342 ROHM-SLR-342 Datasheet
130Kb / 3P
   3.1(T-1) Circular Type Standard Type
SLR-342VC3FQ ROHM-SLR-342VC3FQ Datasheet
123Kb / 3P
   ?3.1(T-1) Circular Type Standard Type
SLR-343 ROHM-SLR-343 Datasheet
247Kb / 3P
   STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLR343 ROHM-SLR343_1 Datasheet
117Kb / 3P
   ?3.1(T-1) Circular Type High Brightness Type
SLR-332 ROHM-SLR-332 Datasheet
158Kb / 3P
   3.2(T-1) Circular Type Standard Type (Viewing Angle 21/2 : 85)
SPR-39 ROHM-SPR-39 Datasheet
121Kb / 3P
   Dual-Color Type 3.1 Circular Type LED Lamps
SLR343 ROHM-SLR343 Datasheet
206Kb / 3P
   HIGH BRIGHTNESS TYPE 3.1 CIRCULAR TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com