Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SLA-580MT Datasheet(PDF) 2 Page - Rohm |
|
SLA-580MT Datasheet(HTML) 2 Page - Rohm |
2 / 3 page Emitting Color Material Emitting Surface Dimension(mm) Part No. φ5.0 20 100 468 518 35 26 20 20 3.2 3.3 610 1500 3000 8000 120 30 100 1 5 -20 to +80 -30 to +100 Green 10 563 40 2.3 470 200 SLA580BC4T SLA580ECT 523 36 3.2 2000 4500 SLA580EC4T SLA-580MT SLA580BC4T SLA580ECT SLA580EC4T SLA-580MT 75 25 60 2 4 -25 to +85 Directivity (Typ.) Packaging Specifications (Unit:mm) Recommended Pad Layout IF (mA) Typ. (V) Typ. (mcd) Typ. (nm) λp Typ. (nm) Min. ( mcd) IF (mA) IF (mA) Max. (µA) Dimensions (Unit:mm) Peak forward current IFP (mA) Part No. Power dissipation PD (mW) Forward current IF (mA) Reverse voltage VR (V) Operating temperature Topr ( C) Storage temperature Tstg ( C) Emitting color Part No. Forward voltage VF Light wavelength Reverse current IR Brightness IV Resin Color Peak Half-wave Transparent Colorless Tolerance:±0.2 VR (V) ∆λ Absolute Maximum Ratings (Ta=25 °C) Electrical Optical Characteristics (Ta=25 °C) Packaging Blue Green(Yellowish Green) GaP InGaN on SiC (Unit:mm) Bulk(3F):1000pcs/Box 1.0 2.0 2.5 ±0.1 70 100 170 note) "-" will be taken out for emitting color B/E series. 5 4 (2.5) CATHODE φ5.0 φ5.0(T-1 3/4) Circular Type High Brightness Type <Viewing Angle 2 θ1/2 : 12°> SLA-580 Series Blue SLA580BCT Green SLA580BCT SLA580BC4T SLA580ECT SLA580EC4T SLA-580MT Electrical Characteristic Curves Forward Current - Forward Voltage Relative Luminous Intensity - Case Temperature Ratio of Maximum Tolerable Peak Current - Pulse Duration Derating Relative Luminous Intensity - Forward Current Note) The design and specifications are subject to change without prior notice. Before ordering or using, please check the latest technical specifications. 2 − 0.5±0.1 4 −0.6 +0.2 −0.1 Green (Yellowish Green) 1: Duty 1/ 10,1kHz 2: Duty 1/5, pulse width 1ms. 3.3 900 2500 SLA580BCT 10 100 2.5 3.0 3.5 4.0 1 FORWARD VOLTAGE : VF (V) 1.5 1 0.5 0 20 10 30 0 FORWARD CURRENT : IF (mA) f=1kHz 1 1 3.3 10 10 100 1000 10000 PULSE DURATION : Tw (µs) 20 10 0 40 30 AMBIENT TEMPERATURE : Ta ( °C) -20 -10 0 10 20 30 40 50 60 70 80 90 100 20 10 5.0 2.0 1.5 1.0 2.0 2.5 3.0 50 FORWARD VOLTAGE : VF (V) Ta=25 °C 1.4 1.2 1.0 0.8 0.6 0.4 -20 -10 0 10 20 30 40 50 60 70 80 CASE TEMPERATURE : Tc ( °C) 1 2 1.5 2.4 3 4 5 6 10 520 50 10 3 10 2 10 4 PULSE DURATION : Tw (µs) 1.4 1.2 1.0 0.8 0.6 0.4 -20 -10 0 10 20 30 40 50 70 60 80 IF=20mA CASE TEMPERATURE : Tc ( °C) 2 1 0.5 0.2 0.1 0.05 0.02 0.01 12 510 20 50 100 5 FORWARD CURRENT : IF (mA) Ta=25 °C SLA580BCT SLA580ECT SLA580BC4T SLA580EC4T ---- SLA580BCT SLA580ECT SLA580BC4T SLA580EC4T ---- SLA-580MT ---- SLA-580MT ---- SLA-580MT ---- SLA-580MT ---- SLA-580MT ---- SLA580BCT SLA580ECT SLA580BC4T SLA580EC4T ---- SLA580BCT SLA580ECT SLA580BC4T SLA580EC4T ---- SLA580BCT SLA580ECT SLA580BC4T SLA580EC4T ---- IF=20mA 050 100 50 100 0 ° 30 ° 60 ° 90 ° 30 ° 60 ° 90 ° RELATIVE LUMINOUS INTENSITY (%) Angular Displacement (deg) SLA580 ∗∗∗ SLA-580 ∗∗∗ Rev.C Rev.C 40 30 20 10 0 -25 -20 -10 050 40 30 20 10 60 70 80 90 AMBIENT TEMPERATURE : Ta ( °C) |
Número de pieza similar - SLA-580MT |
|
Descripción similar - SLA-580MT |