Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LK112M80TR Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza LK112M80TR
Descripción Electrónicos  Low noise low drop voltage regulator with shutdown function
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LK112M80TR Datasheet(HTML) 1 Page - STMicroelectronics

  LK112M80TR Datasheet HTML 1Page - STMicroelectronics LK112M80TR Datasheet HTML 2Page - STMicroelectronics LK112M80TR Datasheet HTML 3Page - STMicroelectronics LK112M80TR Datasheet HTML 4Page - STMicroelectronics LK112M80TR Datasheet HTML 5Page - STMicroelectronics LK112M80TR Datasheet HTML 6Page - STMicroelectronics LK112M80TR Datasheet HTML 7Page - STMicroelectronics LK112M80TR Datasheet HTML 8Page - STMicroelectronics LK112M80TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
July 2008
Rev 15
1/17
17
LK112xx
Low noise low drop voltage regulator with shutdown function
Features
Output current up to 150 mA
Low dropout voltage (350 mV at IOUT = 50 mA)
Very low quiescent current: 0.1 µA in OFF
mode and max. 250 µA in ON mode at
IOUT = 0 mA
Low output noise: typ 30 µV at IOUT = 60 mA
and 10 Hz < f < 80 kHz
Wide range of output voltages
Internal current and thermal limit
Operative input voltage from:
VOUT + 0.5 to 14 V (for VOUT > 2 V)
or from 2.5 V to 14 V (for VOUT < 2 V)
Description
The LK112xx is a low dropout linear regulator with
a built in electronic switch. The internal switch can
be controlled by TTL or CMOS logic levels. The
device is ON state when the control pin is pulled
to a logic high level. An external capacitor can be
used connected to the noise bypass pin to lower
the output noise level to 30 µVrms. An internal
PNP pass transistor is used to achieve a low
dropout voltage.
The LK112xx has a very low quiescent current in
ON MODE while in OFF MODE the Iq is reduced
down to 100 nA max. The internal thermal
shutdown circuitry limits the junction temperature
to below 150 °C. The load current is internally
monitored and the device will shutdown in the
presence of a short circuit or overcurrent
condition at the output.
SOT23-5L
Table 1.
Device summary
Part numbers
LK112XX14
LK112XX24
LK112XX35
LK112XX45
LK112XX15
LK112XX25
LK112XX37
LK112XX46
LK112XX18
LK112XX26
LK112XX39
LK112XX48
LK112XX19
LK112XX29
LK112XX41
LK112XX49
LK112XX20
LK112XX31
LK112XX42
LK112XX50
LK112XX22
LK112XX33
LK112XX43
LK112XX60
LK112XX23
LK112XX34
LK112XX44
LK112XX80
www.st.com


Número de pieza similar - LK112M80TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LK112M80TR STMICROELECTRONICS-LK112M80TR Datasheet
413Kb / 12P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
More results

Descripción similar - LK112M80TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LK112SXX STMICROELECTRONICS-LK112SXX Datasheet
411Kb / 18P
   Low noise low drop voltage regulator with shutdown function
LK112SXX STMICROELECTRONICS-LK112SXX_08 Datasheet
404Kb / 17P
   Low noise low drop voltage regulator with shutdown function
LK112 STMICROELECTRONICS-LK112 Datasheet
413Kb / 12P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
LK112S STMICROELECTRONICS-LK112S Datasheet
427Kb / 11P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
   500mA Low Drop Out Voltage Regulator with Shutdown
SPX2955 SIPEX-SPX2955 Datasheet
184Kb / 9P
   350mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
   400mA Low Drop Out Voltage Regulator with Shutdown
logo
Unisonic Technologies
LD1985 UTC-LD1985_V01 Datasheet
459Kb / 9P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.COMPATIBLE, WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com