Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-E12D8W Datasheet(PDF) 1 Page - Rohm

No. de pieza SML-E12D8W
Descripción Electrónicos  Standard Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-E12D8W Datasheet(HTML) 1 Page - Rohm

  SML-E12D8W Datasheet HTML 1Page - Rohm SML-E12D8W Datasheet HTML 2Page - Rohm SML-E12D8W Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Directivity (Typ.)
SML-E12P8W
SML-E12M8W
SML-E12Y8W
SML-E12D8W
SML-E12U8W
SML-E12V8W
54
20
100
5
-40 to +85
-40 to +100
Absolute Maximum Ratings (Ta=25
°C)
Electrical Optical Characteristics (Ta=25
°C)
Dimensions (Unit:mm)
Tolerance:± 0.1
(Unit:mm)
The recommended thickness of the screen mask
for soldering is between 100 and 150µm. The
hole size of the screen mask should be same as
the recommended land pattern or smaller.
Recommended Pad Layout
SML-E12
∗8 Series
Pure Green
Yellow
Orange
Red
Red
Emitting Color
Material
Package Size(mm)
Part No.
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
( C)
Storage
temperature
Tstg
( C)
Emitting
color
0603<1.6 0.8 t=0.36mm>
Standard Type
Green
(Yellowish Green)
Packaging Specifications (Unit:mm)
Tape Specifications:T86 <5,000pcs/reel>
Feeding direction
2±0.05
φ1.5
0.95
0.5
Reel Specifications
11.4±1
Tolerance:± 0.2
+0.1
0
4±0.1
Tolerance:± 0.2
SML-E12D8W
Orange
SML-E12U8W
SML-E12V8W
Red
Yellow
SML-E12Y8W
Green(Yellowish Green)
SML-E12M8W
Pure Green
SML-E12P8W
AlGaInP on GaAs
20
10
4
620
630
605
40
25
16
2.5
100
63
40
6.3
590
572
10
25
25
63
560
20
20
2.2
Diffused
Milky White
SML-E12P8W
SML-E12M8W
SML-E12Y8W
SML-E12D8W
SML-E12U8W
SML-E12V8W
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λD
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(µA)
Resin Color
VR
(V)
Dominant
Pulse width : 30ms.
0.8
Tolerance:± 0.1
EXCELEDTM
∗∗
RELATIVE LUMINOUS INTENSITY (%)
Angular Displacement (deg)
Angular Displacement (deg)
RELATIVE LUMINOUS INTENSITY (%)
Y
X
Y’
X’
050
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
050
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
Label Position
1.6
1.2
Terminal
0.8
1608(0603) 1.6
×0.8(t=0.36)
:Duty
1/10, 1kHz.


Número de pieza similar - SML-E12D8W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-E12D8W ROHM-SML-E12D8W Datasheet
1Mb / 4P
   EXCELEDTM series
SML-E12D8W ROHM-SML-E12D8W Datasheet
1Mb / 4P
   EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
SML-E12D8W ROHM-SML-E12D8W Datasheet
1Mb / 4P
   SML-E1 Series
SML-E12D8W ROHM-SML-E12D8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
SML-E12D8W ROHM-SML-E12D8W Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
More results

Descripción similar - SML-E12D8W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NIHON DEMPA KOGYO
NZ3225SH NDK-NZ3225SH Datasheet
736Kb / 2P
   Standard Type
NZ3225SH NDK-NZ3225SH_18 Datasheet
828Kb / 2P
   Standard Type
logo
DB Lectro Inc
MT1275 DBLECTRO-MT1275 Datasheet
147Kb / 1P
   Standard Type
MT1612 DBLECTRO-MT1612 Datasheet
171Kb / 1P
   Standard Type
logo
CITIZEN ELECTRONICS CO....
CLU038-1210C4 CITIZEN-CLU038-1210C4_18 Datasheet
642Kb / 15P
   Standard Type
CLU048-1211C4 CITIZEN-CLU048-1211C4_18 Datasheet
711Kb / 15P
   Standard Type
logo
NIHON DEMPA KOGYO
NZ3225SH_18 NDK-NZ3225SH_18_03 Datasheet
828Kb / 2P
   Standard Type
logo
DB Lectro Inc
MT1622 DBLECTRO-MT1622 Datasheet
139Kb / 1P
   Standard Type
logo
CITIZEN ELECTRONICS CO....
CLU028-1203C4 CITIZEN-CLU028-1203C4_18 Datasheet
625Kb / 15P
   Standard Type
CLU048-1216C4 CITIZEN-CLU048-1216C4 Datasheet
649Kb / 15P
   Standard Type
logo
NIHON DEMPA KOGYO
NZ2520SH NDK-NZ2520SH_18 Datasheet
882Kb / 2P
   Standard Type
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com