Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-E12U8W Datasheet(PDF) 2 Page - Rohm

No. de pieza SML-E12U8W
Descripción Electrónicos  Standard Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-E12U8W Datasheet(HTML) 2 Page - Rohm

  SML-E12U8W Datasheet HTML 1Page - Rohm SML-E12U8W Datasheet HTML 2Page - Rohm SML-E12U8W Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristic Curves
Forward Current - Forward Voltage
Derating
Relative Luminous Intensity - Forward Current
20
10
0
010
-10
20
-20
30
-30
40
-40
50
70 80
60
90 100
30
AMBIENT TEMPERATURE : Ta
(
°C)
FORWARD VOLTAGE : VF
(V)
1.5
1.0
2.0
2.5
3.0
100
10
1
Ta=25
°C
1.4
1.2
1.0
0.8
0.6
0.4
40
-20
-40 -30
-10
20
010
30
50 60 70 80 90 100
1.6
IF=20mA
CASE TEMPERATURE : Tc
(
°C)
PULSE DURATION : Tw
(µs)
1
1
10
5
10
100
1000
10000
Relative Luminous Intensity - Case Temperature
Ratio of Maximum Tolerable Peak Current - Pulse Duration
SML-E12P8T
SML-E12M8T
SML-E12Y8T
SML-E12D8T
SML-E12V8T
SML-E12U8T
SML-E12Y8T
SML-E12P8T
SML-E12M8T
SML-E12Y8T
SML-E12D8T
SML-E12V8T
SML-E12U8T
SML-E12Y8T
SML-E12P8T
SML-E12M8T
SML-E12Y8T
SML-E12D8T
SML-E12V8T
SML-E12U8T
SML-E12Y8T
SML-E12P8T
SML-E12M8T
SML-E12Y8T
SML-E12D8T
SML-E12V8T
SML-E12U8T
SML-E12Y8T
SML-E12P8T
SML-E12M8T
SML-E12Y8T
SML-E12D8T
SML-E12V8T
SML-E12U8T
SML-E12Y8T
120
100
80
60
40
20
0
0
5
10
15
20
PEAK FORWARD CURRENT : IF peak
(mA)
Ta=25
°C


Número de pieza similar - SML-E12U8W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-E12U8W ROHM-SML-E12U8W Datasheet
1Mb / 4P
   EXCELEDTM series
SML-E12U8W ROHM-SML-E12U8W Datasheet
1Mb / 4P
   EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
SML-E12U8W ROHM-SML-E12U8W Datasheet
1Mb / 4P
   SML-E1 Series
SML-E12U8W ROHM-SML-E12U8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
SML-E12U8W ROHM-SML-E12U8W Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
More results

Descripción similar - SML-E12U8W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NIHON DEMPA KOGYO
NZ3225SH NDK-NZ3225SH Datasheet
736Kb / 2P
   Standard Type
NZ3225SH NDK-NZ3225SH_18 Datasheet
828Kb / 2P
   Standard Type
logo
DB Lectro Inc
MT1275 DBLECTRO-MT1275 Datasheet
147Kb / 1P
   Standard Type
MT1612 DBLECTRO-MT1612 Datasheet
171Kb / 1P
   Standard Type
logo
CITIZEN ELECTRONICS CO....
CLU038-1210C4 CITIZEN-CLU038-1210C4_18 Datasheet
642Kb / 15P
   Standard Type
CLU048-1211C4 CITIZEN-CLU048-1211C4_18 Datasheet
711Kb / 15P
   Standard Type
logo
NIHON DEMPA KOGYO
NZ3225SH_18 NDK-NZ3225SH_18_03 Datasheet
828Kb / 2P
   Standard Type
logo
DB Lectro Inc
MT1622 DBLECTRO-MT1622 Datasheet
139Kb / 1P
   Standard Type
logo
CITIZEN ELECTRONICS CO....
CLU028-1203C4 CITIZEN-CLU028-1203C4_18 Datasheet
625Kb / 15P
   Standard Type
CLU048-1216C4 CITIZEN-CLU048-1216C4 Datasheet
649Kb / 15P
   Standard Type
logo
NIHON DEMPA KOGYO
NZ2520SH NDK-NZ2520SH_18 Datasheet
882Kb / 2P
   Standard Type
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com