Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-012V8T Datasheet(PDF) 1 Page - Rohm

No. de pieza SML-012V8T
Descripción Electrónicos  Chip LEDs with Reflector Standard Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-012V8T Datasheet(HTML) 1 Page - Rohm

  SML-012V8T Datasheet HTML 1Page - Rohm SML-012V8T Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20
10
4
630
620
605
2.5
10
63
40
25
6.3
25
160
100
63
590
572
560
20
20
2.2
SML-012P8T
SML-012M8T
SML-012Y8T
SML-012D8T
SML-012U8T
SML-012V8T
SML-012P8T
SML-012M8T
SML-012Y8T
SML-012D8T
SML-012U8T
SML-012V8T
54
20
100
5
-40 to +85
-40 to +100
:Duty
1/10, 1KHz.
IF∗
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λD
Min.
(
mcd)
IF∗
(mA)
IF∗
(mA)
Max.
(µA)
VR
(V)
Absolute Maximum Ratings (Ta=25
°C)
Electrical Optical Characteristics (Ta=25
°C)
(Unit:mm)
1.6
Dimensions (Unit:mm)
Directivity (Typ.)
The recommended thickness of the screen mask
for soldering is between 100 and 150µm. The
hole size of the screen mask should be same as
the recommended land pattern or smaller.
Recommended Pad Layout
SML-012
8 Series
Pure Green
Yellow
Orange
Red
Red
note) "-" will be taken out for emitting color B/E series.
Emitting Color
Material
Package Size(mm)
Part No.
Peak
forward
current
IFP∗
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
( C)
Storage
temperature
Tstg
( C)
Emitting
color
Part No.
Forward
voltage
VF
Light
wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Dominant
Chip LEDs with Reflector
1208<3.0 2.0 t=1.3mm> Standard Type
Green
(Yellowish Green)
Transparent
Colorless
SML-012P8T
SML-012M8T
SML-012Y8T
SML-012D8T
SML-012U8T
SML-012V8T
3020(1208) 3.0
×2.0(t=1.3)
Pure Green
AlGalnP on GaAs
Green(Yellowish Green)
Yellow
Orange
Red
Packaging Specifications (Unit:mm)
Tape Specifications:T86 <2,500pcs:reel>
Feeding direction
Reel Specifications
Label Position
11.4±1
Tolerance:± 0.2
Tolerance:± 0.2
2± 0.05
4± 0.1
φ1.5
2.4
+1
0
1.6
Tolerance:±0.2
Terminal
Cathode mark
3.0
2.3
0.5
0.3
1.6
2-R0.3
1.3
+0.2
-0.1
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
RELATIVE LUMINOUS INTENSITY (%)
Angular Displacement (deg)
SML-012
8 series
Y
X
Y’
X’
Pulse width : 30ms
EXCELEDTM
Tentative Spec
Rev.A


Número de pieza similar - SML-012V8T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-012V8T ROHM-SML-012V8T Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-012V8T ROHM-SML-012V8T Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML-012V8T ROHM-SML-012V8T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012V8T ROHM-SML-012V8T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012V8T ROHM-SML-012V8T Datasheet
497Kb / 10P
   SML-01 series
More results

Descripción similar - SML-012V8T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-010YTT86 ROHM-SML-010YTT86 Datasheet
367Kb / 4P
   Standard Type Chip LEDs with reflector
SML-010 ROHM-SML-010 Datasheet
363Kb / 3P
   Standard Type Chip LEDs with reflector
SML-01 ROHM-SML-01 Datasheet
349Kb / 3P
   High Brightness Type Chip LEDs with reflector
SML013WB ROHM-SML013WB Datasheet
103Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> High Brightness Type
SML-310DTT86 ROHM-SML-310DTT86 Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-A10 ROHM-SML-A10 Datasheet
314Kb / 3P
   Standard Type Side view chip LEDs
SML-810 ROHM-SML-810 Datasheet
163Kb / 3P
   Standard Type Back-fire chip LEDs
logo
Everlight Electronics C...
94-22UBC EVERLIGHT-94-22UBC Datasheet
98Kb / 6P
   High Performance with Reflector LEDs
94-22UYC EVERLIGHT-94-22UYC Datasheet
102Kb / 6P
   High Performance with Reflector LEDs
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
   High Performance with Reflector LEDs
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com