Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMCJ6.0A Datasheet(PDF) 3 Page - EIC discrete Semiconductors

No. de pieza SMCJ6.0A
Descripción Electrónicos  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EIC [EIC discrete Semiconductors]
Página de inicio  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMCJ6.0A Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  SMCJ6.0A Datasheet HTML 1Page - EIC discrete Semiconductors SMCJ6.0A Datasheet HTML 2Page - EIC discrete Semiconductors SMCJ6.0A Datasheet HTML 3Page - EIC discrete Semiconductors SMCJ6.0A Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS Rating at 25°C ambient temperature unless otherwise specified
Working Peak
Maximum
Maximum
Maximum
Breakdown Voltage @ IT
(1)
Reverse
Reverse
Peak Pulse
Clamping
Voltage
Leakage
Surge Current
Voltage @ IPPM
@ VWM
VBR (V)
IT
VWM
IR
IPPM
VC
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
Type
SMCJ40
44.4
54.3
1.0
40
1.0
21.0
71.4
SMCJ40A
44.4
49.1
1.0
40
1.0
23.3
64.5
SMCJ43
47.8
58.4
1.0
43
1.0
19.6
76.7
SMCJ43A
47.8
52.8
1.0
43
1.0
21.6
69.4
SMCJ45
50.0
61.1
1.0
45
1.0
18.7
80.3
SMCJ45A
50.0
55.3
1.0
45
1.0
20.6
72.7
SMCJ48
53.3
65.1
1.0
48
1.0
17.5
85.5
SMCJ48A
53.3
58.9
1.0
48
1.0
19.4
77.4
SMCJ51
56.7
69.3
1.0
51
1.0
16.5
91.1
SMCJ51A
56.7
62.7
1.0
51
1.0
18.2
82.4
SMCJ54
60.0
73.3
1.0
54
1.0
15.6
96.3
SMCJ54A
60.0
66.3
1.0
54
1.0
17.2
87.1
SMCJ58
64.4
78.7
1.0
58
1.0
14.6
103
SMCJ58A
64.4
71.2
1.0
58
1.0
16.0
93.6
SMCJ60
66.7
81.5
1.0
60
1.0
14.0
107
SMCJ60A
66.7
73.7
1.0
60
1.0
15.5
96
SMCJ64
71.1
86.4
1.0
64
1.0
13.2
114
SMCJ64A
71.1
78.6
1.0
64
1.0
14.6
103
SMCJ70
77.8
95.1
1.0
70
1.0
12.0
125
SMCJ70A
77.8
86
1.0
70
1.0
13.3
113
SMCJ75
83.3
102
1.0
75
1.0
11.2
134
SMCJ75A
83.3
92.1
1.0
75
1.0
12.4
121
SMCJ78
86.7
106
1.0
78
1.0
10.8
139
SMCJ78A
86.7
95.8
1.0
78
1.0
11.9
126
SMCJ85
94.4
115
1.0
85
1.0
9.9
151
SMCJ85A
94.4
104
1.0
85
1.0
10.9
137
SMCJ90
100
122
1.0
90
1.0
9.4
160
SMCJ90A
100
111
1.0
90
1.0
10.3
146
SMCJ100
111
136
1.0
100
1.0
8.4
179
SMCJ100A
111
123
1.0
100
1.0
9.3
162
SMCJ110
122
149
1.0
110
1.0
7.7
196
SMCJ110A
122
135
1.0
110
1.0
8.5
177
SMCJ120
133
163
1.0
120
1.0
7.0
214
SMCJ120A
133
147
1.0
120
1.0
7.8
193
SMCJ130
144
176
1.0
130
1.0
6.5
231
SMCJ130A
144
159
1.0
130
1.0
7.2
209
SMCJ150
167
204
1.0
150
1.0
5.6
268
SMCJ150A
167
185
1.0
150
1.0
6.2
243
SMCJ160
178
218
1.0
160
1.0
5.2
287
SMCJ160A
178
197
1.0
160
1.0
5.8
259
SMCJ170
189
231
1.0
170
1.0
4.90
304
SMCJ170A
189
209
1.0
170
1.0
5.50
275
SMCJ188
209
255
1.0
188
1.0
4.40
344
SMCJ188A
209
231
1.0
188
1.0
4.60
328
Notes :
(1) Pulse test : tp
≤ 50ms.
(2) Surge Current Waveform per Figure 5 and Derate per Figure 1
(3) For bi-directional types have VWM of 10 Volts and less , the IR limit is doubled
(4) For the bi-directional SMBJ5.0CA, the maximum VBR is 7.25V
(5) "SMCJ" will be omitted in marking on the diode.
Page 3 of 4
Rev. 05 : April 1, 2005


Número de pieza similar - SMCJ6.0A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dc Components
SMCJ6.0A DCCOM-SMCJ6.0A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ6.0A MICROSEMI-SMCJ6.0A Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMCJ6.0A YANGJIE-SMCJ6.0A Datasheet
198Kb / 5P
   Transient Voltage Suppressor Diodes
logo
HY ELECTRONIC CORP.
SMCJ6.0A HY-SMCJ6.0A Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
First Components Intern...
SMCJ6.0A FCI-SMCJ6.0A Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
More results

Descripción similar - SMCJ6.0A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com