Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

W04 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

No. de pieza W04
Descripción Electrónicos  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EIC [EIC discrete Semiconductors]
Página de inicio  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

W04 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  W04 Datasheet HTML 1Page - EIC discrete Semiconductors W04 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( W005 - W10 )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 25, 2005
60 Hz, Resistive or Inductive load.
1.2
0.6
0.3
1.5
10
10
1.0
40
0
50
0
20
10
0.01
1
80
0.01
0.1
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
Pulse W idth = 300
µs
1 % Duty Cycle
SINGLE HALF SINE WAVE
(JEDEC METHOD)
T J = 55
°C
T J = 100
°C
T J = 25
°C
30
0.9
0.375(9.5mm)
Copper Pads
0.22" x 0.22" (5.5 x5.5mm)
PC Board
20


Número de pieza similar - W04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Surge Components
W04 SURGE-W04 Datasheet
107Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
Daya Electric Group Co....
W04 DAYA-W04 Datasheet
94Kb / 2P
   1.5Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Suntan Capacitors
W04 SUNTAN-W04 Datasheet
328Kb / 2P
   Ideal for printed circuit board
logo
Semtech Corporation
W04 SEMTECH-W04 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
CHENG-YI ELECTRONIC CO....
W04 CHENG-YI-W04 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Descripción similar - W04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com