Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STP16NK60Z Datasheet(PDF) 4 Page - STMicroelectronics |
|
STP16NK60Z Datasheet(HTML) 4 Page - STMicroelectronics |
4 / 15 page Electrical characteristics STF16NK60Z, STP16NK60Z, STW16NK60Z 4/15 Doc ID 10249 Rev 5 2 Electrical characteristics (TC = 25 °C unless otherwise specified) Table 5. On /off states Symbol Parameter Test conditions Min. Typ. Max. Unit V(BR)DSS Drain-source breakdown voltage ID = 1 mA, VGS = 0 620 V IDSS Zero gate voltage drain current (VGS = 0) VDS = Max rating VDS = Max rating, TC=125 °C 1 50 µA µA IGSS Gate-body leakage current (VDS = 0) VGS = ± 20 V ± 10 µA VGS(th) Gate threshold voltage VDS = VGS, ID = 50 µA 3 3.75 4.5 V RDS(on) Static drain-source on resistance VGS = 10 V, ID = 7 A 0.38 0.42 Ω Table 6. Dynamic Symbol Parameter Test conditions Min. Typ. Max. Unit Ciss Coss Crss Input capacitance Output capacitance Reverse transfer capacitance VDS = 25 V, f = 1 MHz, VGS = 0 - 2650 285 62 - pF pF pF COSS eq (1) 1. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS Equivalent output capacitance VGS = 0, VDS = 0 to 480 V - 158 - pF Qg Qgs Qgd Total gate charge Gate-source charge Gate-drain charge VDD = 480 V, ID = 14 A, VGS = 10 V (see Figure 19) - 86 17 46 - nC nC nC Table 7. Switching times Symbol Parameter Test conditions Min. Typ. Max Unit td(on) tr td(off) tf Turn-on delay time Rise time Turn-off-delay time Fall time VDD = 480 V, ID = 14 A, RG = 4.7 Ω, VGS = 10 V (see Figure 18) - 30 25 70 15 - ns ns ns ns |
Número de pieza similar - STP16NK60Z |
|
Descripción similar - STP16NK60Z |