Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72325R4B6 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza ST72325R4B6
Descripción Electrónicos  8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
Download  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325R4B6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST72325R4B6 Datasheet HTML 3Page - STMicroelectronics ST72325R4B6 Datasheet HTML 4Page - STMicroelectronics ST72325R4B6 Datasheet HTML 5Page - STMicroelectronics ST72325R4B6 Datasheet HTML 6Page - STMicroelectronics ST72325R4B6 Datasheet HTML 7Page - STMicroelectronics ST72325R4B6 Datasheet HTML 8Page - STMicroelectronics ST72325R4B6 Datasheet HTML 9Page - STMicroelectronics ST72325R4B6 Datasheet HTML 10Page - STMicroelectronics ST72325R4B6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 197 page
background image
ST72325xx
7/197
1 DESCRIPTION
The ST72F325 Flash and ST72325 ROM devices
are members of the ST7 microcontroller family de-
signed for mid-range applications.
They are derivatives of the ST72321 and ST72324
devices, with enhanced characteristics and robust
Clock Security System.
All devices are based on a common industry-
standard 8-bit core, featuring an enhanced instruc-
tion set and are available with Flash or ROM pro-
gram memory. The ST7 family architecture offers
both power and flexibility to software developers,
enabling the design of highly efficient and compact
application code.
The on-chip peripherals include an A/D converter,
a PWM Autoreload timer, 2 general purpose tim-
ers, I2C bus, SPI interface and an SCI interface.
For power economy, microcontroller can switch
dynamically into WAIT, SLOW, ACTIVE-HALT or
HALT mode when the application is in idle or
stand-by state.
Typical applications are consumer, home, office
and industrial products.
The devices feature an on-chip Debug Module
(DM) to support in-circuit debugging (ICD). For a
description of the DM registers, refer to the ST7
ICC Protocol Reference Manual.
Main Differences with ST72321:
– LQFP48 and LQFP32 packages
– Clock Security System
– Internal RC, Readout protection, LVD and PLL
without limitations
– Negative current injection not allowed on I/O port
PB0 (instead of PC6).
– External interrupts have Exit from Active Halt
mode capability.
Figure 1. Device Block Diagram
8-BIT CORE
ALU
OSC1
VPP
CONTROL
PROGRAM
(16K - 60K Bytes1))
VDD
RESET
PORT F
PF7:0
TIMER A
BEEP
RAM
(512 - 2048 Bytes1))
PORT C
10-BIT ADC
VAREF
VSSA
PB7:0
PORT E
PE7:0
(2 bits on C/J/K devices)
SCI
TIMER B
PA7:0
(5 bits on C/J devices)
PORT D
PD7:0
SPI
PC7:0
(8 bits)
VSS
WATCHDOG
OSC
LVD
OSC2
MEMORY
MCC/RTC/BEEP
(4 bits on K devices)
(5 bits on C/J devices)
(3 bits on K devices)
(6 bits on C/J devices)
(2 bits on K devices)
(6 bits on C/J devices)
(5 bits on K devices)
PORT A
PORT B
PWM ART
I2C
EVD
AVD
(8 bits on AR devices)
(8 bits on AR devices)
(8 bits on AR devices)
(8 bits on AR devices)
(8 bits on AR devices)
TLI
1) ROM devices have up to 32 Kbytes of program memory and up to 1 Kbyte of RAM.
DEBUG MODULE


Número de pieza similar - ST72325R4B6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72325R6-Auto STMICROELECTRONICS-ST72325R6-Auto Datasheet
2Mb / 243P
   SCI asynchronous serial interface
August 2010 Rev 3
ST72325R7-Auto STMICROELECTRONICS-ST72325R7-Auto Datasheet
2Mb / 243P
   SCI asynchronous serial interface
August 2010 Rev 3
ST72325R9-Auto STMICROELECTRONICS-ST72325R9-Auto Datasheet
2Mb / 243P
   SCI asynchronous serial interface
August 2010 Rev 3
More results

Descripción similar - ST72325R4B6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72325 STMICROELECTRONICS-ST72325 Datasheet
1Mb / 193P
   8-BIT MCU WITH 16 TO 60K FLASH/ROM, ADC, CSS, FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72F321 STMICROELECTRONICS-ST72F321 Datasheet
3Mb / 189P
   64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72321 STMICROELECTRONICS-ST72321_04 Datasheet
4Mb / 189P
   64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72321B STMICROELECTRONICS-ST72321B Datasheet
3Mb / 187P
   64/44-pin 8-bit MCU with 32 to 60K Flash/ROM, ADC, five timers, SPI, SCI, I2C interface
ST72F521R6TA STMICROELECTRONICS-ST72F521R6TA Datasheet
3Mb / 215P
   80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72F521 STMICROELECTRONICS-ST72F521 Datasheet
4Mb / 215P
   80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72321BXXX-AUTO STMICROELECTRONICS-ST72321BXXX-AUTO Datasheet
4Mb / 247P
   8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com