Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BU6569GVW Datasheet(PDF) 7 Page - Rohm |
|
BU6569GVW Datasheet(HTML) 7 Page - Rohm |
7 / 17 page Technical Note 7/16 BU6569GVW www.rohm.com 2009.07 - Rev.A © 2009 ROHM Co., Ltd. All rights reserved. PIN No. Land No. PIN Name In/Out /Analog Active Level Init Function explanation Power source system Function division I/O type 56 G8 LCDD2 / FL_D2 / SD_DAT2 In/Out DATA Out/Low LCD controller data bus: bit 2 / NAND Flash data bus: bit 2 / SD card IF bus: bit 2 2 LCD / FL / SD D*3 57 L8 LCDD3 / FL_D3 / SD_DAT3 In/Out DATA Out/Low LCD controller data bus: bit 3 / NAND Flash data bus: bit 3 / SD card IF bus: bit 3 2 LCD / FL / SD D*3 58 K8 LCDD4 / FL_D4 In/Out DATA Out/Low LCD controller data bus: bit 4 / NAND Flash data bus: bit 4 2 LCD / FL D*3 59 J7 LCDD5 / FL_D5 In/Out DATA Out/Low LCD controller data bus: bit 5 / NAND Flash data bus: bit 5 2 LCD / FL D*3 60 L9 LCDD6 / FL_D6 In/Out DATA Out/Low LCD controller data bus: bit 6 / NAND Flash data bus: bit 6 2 LCD / FL D*3 61 L10 LCDD7 / FL_D7 In/Out DATA Out/Low LCD controller data bus: bit 7 / NAND Flash data bus: bit 7 2 LCD / FL D*3 62 L11 GND - GND - Digital ground - - - 63 H8 LCDD8 / FL_D8 In/Out DATA Out/Low LCD controller data bus: bit 8 / NAND Flash data bus: bit 8 2 LCD / FL D*3 64 K9 LCDD9 / FL_D9 In/Out DATA Out/Low LCD controller data bus: bit 9 / NAND Flash data bus: bit 9 2 LCD / FL D*3 65 K10 LCDD10 / FL_D10 In/Out DATA Out/Low LCD controller data bus: bit 10 / NAND Flash data bus: bit 10 2 LCD / FL D*3 66 K11 LCDD11 / FL_D11 In/Out DATA Out/Low LCD controller data bus: bit 11 / NAND Flash data bus: bit 11 2 LCD / FL D*3 67 J8 LCDD12 / FL_D12 In/Out DATA Out/Low LCD controller data bus: bit 12 / NAND Flash data bus: bit 12 2 LCD / FL D*3 68 J9 LCDD13 / FL_D13 In/Out DATA Out/Low LCD controller data bus: bit 13 / NAND Flash data bus: bit 13 2 LCD / FL D*3 69 J11 LCDD14 / FL_D14 In/Out DATA Out/Low LCD controller data bus: bit 14 / NAND Flash data bus: bit 14 2 LCD / FL D*3 70 J10 LCDD15 / FL_D15 In/Out DATA Out/Low LCD controller data bus: bit 15 / NAND Flash data bus: bit 15 2 LCD / FL D*3 71 H9 LCDD16 / SCL / FL_WPB In/Out DATA / DATA / Low Out/Low LCD controller data bus: bit 16 / LCD serial transfer clock signal / NAND Flash write protect 2 LCD / FL D*3 72 H10 LCDD17 / SI / FL_CLE In/Out DATA / CLK / High Out/Low LCD controller data bus: bit 17 / LCD serial transfer clock signal / NAND Flash command enable 2 LCD / FL D*3 73 H11 VDDIO2 - PWR - Digital I/O power supply (System 2) 2 - - 74 G11 CAMRST In/Out DATA Out/Low Camera reset signal 2 CAM D*3 75 F11 SDA In/Out DATA Out/Low two-wire serial data 2 SYS F 76 G10 SDC In/Out CLK Out/Low two-wire serial clock 2 SYS F 77 F10 CAMCKI In*9 CLK - Camera clock input 2 CAM A 78 E11 CAMCKO Out CLK Low Camera clock output 2 CAM C 79 G9 CAMVS In*9 * - Camera vertical timing signal 2 CAM A 80 F9 CAMHS In*9 * - Camera horizontal timing signal 2 CAM A 81 D11 VDD - PWR - Core power supply - - - 82 E10 CAMD0 In*9 DATA - Camera data input: bit 0 2 CAM A 83 C11 CAMD1 In*9 DATA - Camera data input: bit 1 2 CAM A 84 D10 CAMD2 In*9 DATA - Camera data input: bit 2 2 CAM A 85 C10 CAMD3 In*9 DATA - Camera data input: bit 3 2 CAM A 86 B11 CAMD4 In*9 DATA - Camera data input: bit 4 2 CAM A 87 E9 CAMD5 In*9 DATA - Camera data input: bit 5 2 CAM A 88 E8 CAMD6 In*9 DATA - Camera data input: bit 6 2 CAM A 89 B10 CAMD7 In*9 DATA - Camera data input: bit 7 2 CAM A 90 A11 GND - GND - Digital ground - - - 91 A10 VDDIO2 - PWR - Digital I/O power supply (System 2) 2 - - 92 D9 TE_VSYNC Out Low High TV encoder interface Vertical sync 2 TV D*7 93 C9 TE_HSYNC Out Low High TV encoder interface Horizontal sync 2 TV D*7 94 B9 TE_PIXCLK Out CLK Low TV encoder interface output clock 2 TV D*7 95 A9 TED0 Out DATA High TV encoder interface data: bit 0 2 TV D*7 96 D8 TED1 Out DATA Low TV encoder interface data: bit 1 2 TV D*7 97 C8 TED2 Out DATA Low TV encoder interface data: bit 2 2 TV D*7 98 A8 TED3 Out DATA Low TV encoder interface data: bit 3 2 TV D*7 99 B8 TED4 Out DATA Low TV encoder interface data: bit 4 2 TV D*7 100 A7 TED5 Out DATA Low TV encoder interface data: bit 5 2 TV D*7 101 E7 TED6 Out DATA Low TV encoder interface data: bit 6 2 TV D*7 102 D7 TED7 Out DATA Low TV encoder interface data: bit 7 2 TV D*7 103 C7 GND - GND - Digital ground - - - |
Número de pieza similar - BU6569GVW |
|
Descripción similar - BU6569GVW |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |