Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX55B2V7 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

No. de pieza BZX55B2V7
Descripción Electrónicos  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EIC [EIC discrete Semiconductors]
Página de inicio  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZX55B2V7 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BZX55B2V7 Datasheet HTML 1Page - EIC discrete Semiconductors BZX55B2V7 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Zener Voltage
Maximum Zener
Maximum Reverse
Temp. coefficient
Admissible
Type
VZ @ IZT
Impedance
Leakage Current, IR
of Zener Voltage
Zener
Number
Nom
1)
Min
2)
Max
2)
IZT
ZZT @ IZT ZZk @ IZK
IZK
Ta=25
°C Ta=150°C
at VR
TKVZ
Current
(2)
(V)
(V)
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(
µA)
(V)
(% / K)
IZM (mA)
BZX55B2V0
2.0
1.96
2.04
5.0
85
600
1.0
100
200
1.0
-0.09...-0.06
175
BZX55B2V2
2.2
2.15
2.25
5.0
85
600
1.0
50
100
1.0
-0.09...-0.06
160
BZX55B2V4
2.4
2.35
2.45
5.0
85
600
1.0
50
100
1.0
-0.09...-0.06
145
BZX55B2V7
2.7
2.65
2.75
5.0
85
600
1.0
10
50
1.0
-0.09...-0.06
135
BZX55B3V0
3.0
2.94
3.06
5.0
85
600
1.0
4.0
40
1.0
-0.08...-0.05
125
BZX55B3V3
3.3
3.23
3.37
5.0
85
600
1.0
2.0
40
1.0
-0.08...-0.05
115
BZX55B3V6
3.6
3.53
3.67
5.0
85
600
1.0
2.0
40
1.0
-0.08...-0.05
105
BZX55B3V9
3.9
3.82
3.98
5.0
85
600
1.0
2.0
40
1.0
-0.08...-0.05
95
BZX55B4V3
4.3
4.21
4.39
5.0
75
600
1.0
1.0
20
1.0
-0.06...-0.03
90
BZX55B4V7
4.7
4.61
4.8
5.0
60
600
1.0
0.5
10
1.0
-0.05...+0.02
85
BZX55B5V1
5.1
5.00
5.2
5.0
35
550
1.0
0.1
2.0
1.0
-0.02...+0.02
80
BZX55B5V6
5.6
5.49
5.7
5.0
25
450
1.0
0.1
2.0
1.0
-0.05...+0.05
70
BZX55B6V2
6.2
6.08
6.32
5.0
10
200
1.0
0.1
2.0
2.0
0.03...0.06
64
BZX55B6V8
6.8
6.66
6.94
5.0
8
150
1.0
0.1
2.0
3.0
0.03...0.07
58
BZX55B7V5
7.5
7.35
7.65
5.0
7
50
1.0
0.1
2.0
5.0
0.03...0.07
53
BZX55B8V2
8.2
8.04
8.36
5.0
7
50
1.0
0.1
2.0
6.2
0.03...0.08
47
BZX55B9V1
9.1
8.92
9.28
5.0
10
50
1.0
0.1
2.0
6.8
0.03...0.09
43
BZX55B10
10
9.80
10.2
5.0
15
70
1.0
0.1
2.0
7.5
0.03...0.10
40
BZX55B11
11
10.8
11.2
5.0
20
70
1.0
0.1
2.0
8.2
0.03...0.11
36
BZX55B12
12
11.8
12.2
5.0
20
90
1.0
0.1
2.0
9.1
0.03...0.11
32
BZX55B13
13
12.7
13.3
5.0
26
110
1.0
0.1
2.0
10.0
0.03...0.11
29
BZX55B14
14
13.7
14.3
5.0
28
110
1.0
0.1
2.0
10.5
0.03...0.11
28
BZX55B15
15
14.7
15.3
5.0
30
110
1.0
0.1
2.0
11
0.03...0.11
27
BZX55B16
16
15.7
16.3
5.0
40
170
1.0
0.1
2.0
12
0.03...0.11
24
BZX55B18
18
17.6
18.4
5.0
50
170
1.0
0.1
2.0
13
0.03...0.11
21
BZX55B20
20
19.6
20.4
5.0
55
220
1.0
0.1
2.0
15
0.03...0.11
20
BZX55B22
22
21.6
22.4
5.0
55
220
1.0
0.1
2.0
16
0.04...0.12
18
BZX55B24
24
23.5
24.5
5.0
80
220
1.0
0.1
2.0
18
0.04...0.12
16
BZX55B27
27
26.5
27.5
5.0
80
220
1.0
0.1
2.0
20
0.04...0.12
14
BZX55B30
30
29.4
30.6
5.0
80
220
1.0
0.1
2.0
22
0.04...0.12
13
BZX55B33
33
32.3
33.7
5.0
80
220
1.0
0.1
2.0
24
0.04...0.12
12
BZX55B36
36
35.3
36.7
5.0
80
220
1.0
0.1
2.0
27
0.04...0.12
11
BZX55B39
39
38.2
39.8
2.5
90
500
0.5
0.1
5.0
30
0.04...0.12
10
BZX55B43
43
42.1
43.9
2.5
90
500
0.5
0.1
5.0
33
0.04...0.12
9.2
BZX55B47
47
46.1
47.9
2.5
110
600
0.5
0.1
5.0
36
0.04...0.12
8.5
BZX55B51
51
50.0
52
2.5
125
700
0.5
0.1
10
39
0.04...0.12
7.8
BZX55B56
56
54.9
57.1
2.5
135
700
0.5
0.1
10
43
typ. 0.1
(3)
7.0
BZX55B62
62
60.8
63.2
2.5
150
1000
0.5
0.1
10
47
typ. 0.1
(3)
6.4
BZX55B68
68
66.6
69.4
2.5
200
1000
0.5
0.1
10
51
typ. 0.1
(3)
5.9
BZX55B75
75
73.5
76.5
2.5
250
1000
0.5
0.1
10
56
typ. 0.1
(3)
5.3
BZX55B82
82
80.4
83.6
2.5
300
1500
0.5
0.1
10
62
typ. 0.1
(3)
4.8
BZX55B91
91
89.2
92.8
1.0
450
2000
0.1
0.1
10
68
typ. 0.1
(3)
4.4
BZX55B100
100
98.0
102
1.0
450
5000
0.1
0.1
10
75
typ. 0.1
(3)
4.0
Notes: 1) Tested with pulses tp = 20 ms
2) Valid Provided that leads are kept at ambient temperature at a distance of 8 mm from case
3) at Iz = 2.5 mA
Page 2 of 2
Rev. 05 : June 25, 2005


Número de pieza similar - BZX55B2V7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BZX55B2V7 VISHAY-BZX55B2V7 Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55B2V7 NJSEMI-BZX55B2V7 Datasheet
168Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55B2V7 VISHAY-BZX55B2V7 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
New Jersey Semi-Conduct...
BZX55B2V7 NJSEMI-BZX55B2V7 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Taiwan Semiconductor Co...
BZX55B2V7 TSC-BZX55B2V7 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results

Descripción similar - BZX55B2V7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com