Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAT54ALT1D Datasheet(PDF) 3 Page - ON Semiconductor |
|
BAT54ALT1D Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 4 page BAT54ALT1G http://onsemi.com 3 Notes: 1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 10 mA. Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA. Notes: 3. tp » trr +10 V 2 k 820 W 0.1 mF DUT VR 100 mH 0.1 mF 50 W OUTPUT PULSE GENERATOR 50 W INPUT SAMPLING OSCILLOSCOPE tr tp T 10% 90% IF IR trr T iR(REC) = 1 mA OUTPUT PULSE (IF = IR = 10 mA; measured at iR(REC) = 1 mA) IF INPUT SIGNAL Figure 1. Recovery Time Equivalent Test Circuit 100 0.0 0.1 VF, FORWARD VOLTAGE (VOLTS) 0.2 0.3 0.4 0.5 10 1.0 0.1 85°C 10 0 VR, REVERSE VOLTAGE (VOLTS) 1.0 0.1 0.01 0.001 510 15 20 25 14 0 VR, REVERSE VOLTAGE (VOLTS) 12 4 2 0 510 15 30 Figure 2. Forward Voltage Figure 3. Leakage Current Figure 4. Total Capacitance −40°C 25°C TA = 150°C TA = 125°C TA = 85°C TA = 25°C 0.6 −55°C 150°C 125°C 100 1000 30 25 20 6 8 10 |
Número de pieza similar - BAT54ALT1D |
|
Descripción similar - BAT54ALT1D |