Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAR89-02LRH Datasheet(PDF) 1 Page - Infineon Technologies AG |
|
BAR89-02LRH Datasheet(HTML) 1 Page - Infineon Technologies AG |
1 / 8 page 2007-04-19 1 BAR89... Silicon PIN Diode • Optimized for antenna switches in hand held applications • Very low capacitance at zero volts reverse bias at frequencies above 1GHz (typ. 0.19 pF) • Low forward resistance (typ. 0.8Ω @ I F = 10mA) • Very low signal distortion • Pb-free (RoHS compliant) package1) • Qualified according AEC Q101 BAR89-02LRH Type Package Configuration LS(nH) Marking BAR89-02LRH TSLP-2-7 single, leadless 0.4 R Maximum Ratings at TA = 25°C, unless otherwise specified Parameter Symbol Value Unit Diode reverse voltage VR 80 V Forward current IF 100 mA Total power dissipation Ts ≤ 133°C Ptot 250 mW Junction temperature Tj 150 °C Operating temperature range Top -55 ... 125 Storage temperature Tstg -55 ... 150 Thermal Resistance Parameter Symbol Value Unit Junction - soldering point2) RthJS ≤ 65 K/W 1Pb-containing package may be available upon special request 2For calculation of RthJA please refer to Application Note Thermal Resistance |
Número de pieza similar - BAR89-02LRH |
|
Descripción similar - BAR89-02LRH |