Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AMT303A-1024-6000 Datasheet(PDF) 2 Page - CUI INC |
|
AMT303A-1024-6000 Datasheet(HTML) 2 Page - CUI INC |
2 / 7 page date page PART NUMBER: DESCRIPTION: 11/2010 2 of 7 20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2380 www.cui.com AMT303 COMMUTATION ENCODER AMT303-V KIT In order to provide maximum flexibility for our customers, the AMT303 series is provided in kit form standard. This allows the user to implement the encoder into a range of applications using one sku#, reducing engineering and inventory costs. (4.76mm) 3mm 4mm m m 2 m m 5 3/16 inch 1/4 inch (6.35mm) (3.175mm) 6mm 8mm 1/8 inch Snow e u l B y k S t h g i L e g n a r O 1 e l p r u P 0 6 y a r G 1 w o ll e Y 1 d e R Green1 Blue SLEEVES ADAPTER SHAFT BASE TOOL A TOP COVER TOOL C CUSTOM CONFIG KEY For customers that prefer a specific AMT303 configuration, please reference the custom configuration key below. AMT303 X - XXXX - XXXX Sleeve Bore Diameter: 2000 = 2 mm 3000 = 3 mm 3175 = 3.175 mm (1/8”) 4000 = 4 mm 4760 = 4.76 mm (3/16”) 5000 = 5 mm 6000 = 6 mm 6350 = 6.35 mm (1/4”) 8000 = 8 mm Resolution (ppr): 0096 0192 0200 0250 0400 0500 0512 0640 1024 Output Signals: “blank” = A, B, Z LD = Line Driver A, B, Z A, B, Z |
Número de pieza similar - AMT303A-1024-6000 |
|
Descripción similar - AMT303A-1024-6000 |