Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPI07N60C3 Datasheet(PDF) 10 Page - Infineon Technologies AG

No. de pieza SPI07N60C3
Descripción Electrónicos  New revolutionary high voltage technology Ultra low gate charge
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI07N60C3 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SPI07N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPI07N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPI07N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPI07N60C3 Datasheet HTML 9Page - Infineon Technologies AG SPI07N60C3 Datasheet HTML 10Page - Infineon Technologies AG SPI07N60C3 Datasheet HTML 11Page - Infineon Technologies AG SPI07N60C3 Datasheet HTML 12Page - Infineon Technologies AG SPI07N60C3 Datasheet HTML 13Page - Infineon Technologies AG SPI07N60C3 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
200
7-08-30
Rev.
3.1
Page 10
SPP07N60C3
SPI07N60C3, SPA07N60C3
21 Avalanche energy
EAS = f (Tj)
par.: ID = 5.5 A, VDD = 50 V
20
40
60
80
100
120
°C
160
Tj
0
20
40
60
80
100
120
140
160
180
200
220
mJ
260
23 Avalanche power losses
PAR = f (f )
parameter: EAR=0.5mJ
10
4
10
5
10
6
MHz
f
0
100
200
300
W
500
22 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
°C
180
Tj
540
560
580
600
620
640
660
680
V
720
SPP07N60C3
24 Typ. capacitances
C = f (VDS)
parameter: VGS=0V, f=1 MHz
0
100
200
300
400
V
600
VDS
0
10
1
10
2
10
3
10
4
10
pF
Ciss
Coss
Crss


Número de pieza similar - SPI07N60C3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SPI07N60C3 INFINEON-SPI07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPI07N60C3 INFINEON-SPI07N60C3 Datasheet
625Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-11-27
logo
Inchange Semiconductor ...
SPI07N60C3 ISC-SPI07N60C3 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - SPI07N60C3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SPB11N60S5 INFINEON-SPB11N60S5_05 Datasheet
691Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 2.3 2005-07-22
SPN02N60C3 INFINEON-SPN02N60C3_05 Datasheet
2Mb / 11P
   New revolutionary high voltage technology Ultra low gate charge Ultra low effective capacitances
Rev. 2.3 2005-02-21
SPP11N65C3 INFINEON-SPP11N65C3_07 Datasheet
1,019Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.9 2007-08-30
SPP04N50C3 INFINEON-SPP04N50C3_09 Datasheet
635Kb / 13P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.8 2009-11-26
SPP12N50C3 INFINEON-SPP12N50C3_07 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
SPI11N60CFD INFINEON-SPI11N60CFD Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.6 2009-04-24
SPP08N50C3 INFINEON-SPP08N50C3_09 Datasheet
732Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.91 2009-11-27
SPP16N50C3 INFINEON-SPP16N50C3_07 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
SPP16N50C3 INFINEON-SPP16N50C3_09 Datasheet
729Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.2 2009-12-22
SPB21N50C3 INFINEON-SPB21N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.3 2005-11-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com