Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT15-04R Datasheet(PDF) 5 Page - Infineon Technologies AG

No. de pieza BAT15-04R
Descripción Electrónicos  Silicon RF Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT15-04R Datasheet(HTML) 5 Page - Infineon Technologies AG

  BAT15-04R_09 Datasheet HTML 1Page - Infineon Technologies AG BAT15-04R_09 Datasheet HTML 2Page - Infineon Technologies AG BAT15-04R_09 Datasheet HTML 3Page - Infineon Technologies AG BAT15-04R_09 Datasheet HTML 4Page - Infineon Technologies AG BAT15-04R_09 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2009-05-13
5
BAT15-04R*
Edition 2006-02-01
Published by
Infineon Technologies AG
81726 München, Germany
© Infineon Technologies AG 2007.
All Rights Reserved.
Attention please!
The information given in this dokument shall in no event be regarded as a guarantee
of conditions or characteristics (“Beschaffenheitsgarantie”). With respect to any
examples or hints given herein, any typical values stated herein and/or any information
regarding the application of the device, Infineon Technologies hereby disclaims any
and all warranties and liabilities of any kind, including without limitation warranties of
non-infringement of intellectual property rights of any third party.
Information
For further information on technology, delivery terms and conditions and prices
please contact your nearest Infineon Technologies Office (www.infineon.com).
Warnings
Due to technical requirements components may contain dangerous substances.
For information on the types in question please contact your nearest
Infineon Technologies Office.
Infineon Technologies Components may only be used in life-support devices or
systems with the express written approval of Infineon Technologies, if a failure of
such components can reasonably be expected to cause the failure of that
life-support device or system, or to affect the safety or effectiveness of that
device or system.
Life support devices or systems are intended to be implanted in the human body,
or to support and/or maintain and sustain and/or protect human life. If they fail,
it is reasonable to assume that the health of the user or other persons
may be endangered.


Número de pieza similar - BAT15-04R_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BAT15-04 SIEMENS-BAT15-04 Datasheet
67Kb / 3P
   Silicon Dual Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)
BAT15-043 SIEMENS-BAT15-043 Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT15-043ES SIEMENS-BAT15-043ES Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT15-043H SIEMENS-BAT15-043H Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT15-043P SIEMENS-BAT15-043P Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
More results

Descripción similar - BAT15-04R_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BAR81 INFINEON-BAR81 Datasheet
23Kb / 2P
   Silicon RF Switching Diodes
Aug-21-2001
logo
Central Semiconductor C...
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
   SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
   SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
   SILICON SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com