Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT24-02LS Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza BAT24-02LS
Descripción Electrónicos  Silicon Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT24-02LS Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAT24-02LS Datasheet HTML 1Page - Infineon Technologies AG BAT24-02LS Datasheet HTML 2Page - Infineon Technologies AG BAT24-02LS Datasheet HTML 3Page - Infineon Technologies AG BAT24-02LS Datasheet HTML 4Page - Infineon Technologies AG BAT24-02LS Datasheet HTML 5Page - Infineon Technologies AG BAT24-02LS Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2008-08-26
1
BAT24-02LS
Silicon Schottky Diode
• RF Schottky diode for mixer applications
up to 26 GHz
• Extremely low inductance combined with
ultra low device capacitance
• Very stable performance for all major parameters
• Package size: 0.62 x 0.31 x 0.31 mm³ only
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
BAT24-02LS
2
1
Type
Package
Configuration
LS(nH) Marking
BAT24-02LS
TSSLP-2-1
single, leadless
0.2
±0.05 S
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
4
V
Forward current
IF
110
mA
Total power dissipation
TS ≤ 73 °C
Ptot
100
mW
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 150
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
≤ 770
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Número de pieza similar - BAT24-02LS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BAT24-02LS INFINEON-BAT24-02LS Datasheet
578Kb / 6P
   Silicon Schottky Diode
2011-06-15
BAT24-02LS INFINEON-BAT24-02LS_11 Datasheet
578Kb / 6P
   Silicon Schottky Diode
2011-06-15
More results

Descripción similar - BAT24-02LS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
   Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
   Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
   Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
   Silicon Schottky Diode
Jun-15-2004
BAT2402LSE6327 INFINEON-BAT2402LSE6327 Datasheet
578Kb / 6P
   Silicon Schottky Diode
2011-06-15
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
   SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
   Silicon Schottky Diode
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
   SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
   Silicon Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com