Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC817SU Datasheet(PDF) 5 Page - Infineon Technologies AG

No. de pieza BC817SU
Descripción Electrónicos  NPN Silicon AF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC817SU Datasheet(HTML) 5 Page - Infineon Technologies AG

  BC817SU_08 Datasheet HTML 1Page - Infineon Technologies AG BC817SU_08 Datasheet HTML 2Page - Infineon Technologies AG BC817SU_08 Datasheet HTML 3Page - Infineon Technologies AG BC817SU_08 Datasheet HTML 4Page - Infineon Technologies AG BC817SU_08 Datasheet HTML 5Page - Infineon Technologies AG BC817SU_08 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
2008-10-20
BC817SU
Package SC74
Package Outline
Foot Print
Standard Packing
0.5
0.95
54
6
3
2
1
1.1 MAX.
(0.35)
(2.25)
±0.2
2.9
B
0.2
+0.1
-0.05
0.35
Pin 1
marking
M
B 6x
0.95
1.9
0.15 -0.06
+0.1
A
A
0.2 M
0.1 MAX.
4
3.15
Pin 1
marking
0.2
1.15
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
For symmetric types no defined Pin 1 orientation in reel.
Manufacturer
2005, June
Date code (Year/Month)
BCW66H
Type code
Pin 1 marking
Laser marking
Marking Layout (Example)
Small variations in positioning of
Date code, Type code and Manufacture are possible.


Número de pieza similar - BC817SU_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
   NPN Silicon AF Transistor
2011-08-30
More results

Descripción similar - BC817SU_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
   NPN Silicon AF Transistor
Nov-29-2001
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
   NPN Silicon AF Transistor
2008-10-10
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
logo
Siemens Semiconductor G...
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BCW65 INFINEON-BCW65 Datasheet
50Kb / 5P
   NPN Silicon AF Transistor
Jul-10-2001
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
   NPN Silicon AF Transistor
2011-08-30
logo
Siemens Semiconductor G...
SMBTA06M SIEMENS-SMBTA06M Datasheet
31Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817-16 INFINEON-BC817-16 Datasheet
864Kb / 11P
   NPN Silicon AF Transistor
2008-04-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com