Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC1208D650 Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza DAC1208D650
Descripción Electrónicos  Dual 12-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1208D650 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button DAC1208D650 Datasheet HTML 6Page - NXP Semiconductors DAC1208D650 Datasheet HTML 7Page - NXP Semiconductors DAC1208D650 Datasheet HTML 8Page - NXP Semiconductors DAC1208D650 Datasheet HTML 9Page - NXP Semiconductors DAC1208D650 Datasheet HTML 10Page - NXP Semiconductors DAC1208D650 Datasheet HTML 11Page - NXP Semiconductors DAC1208D650 Datasheet HTML 12Page - NXP Semiconductors DAC1208D650 Datasheet HTML 13Page - NXP Semiconductors DAC1208D650 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
DAC1208D650
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 14 December 2010
10 of 98
NXP Semiconductors
DAC1208D650
2
×, 4× or 8× interpolating DAC with JESD204A interface
fstep
step frequency
D
-
20.3
-
MHz
Dynamic performances
SFDR
spurious-free dynamic
range
fdata = 80 Msps;
fs =640 Msps; ×8;
BW = fdata / 2; PLL on
fo = 4 MHz at −1dBFS
C
-
77
-
dBc
fdata =160 Msps;
fs =640 Msps; ×4;
BW = fdata /2
fo =19MHz at −1dBFS
C
-
74
-
dBc
fdata = 312.5 Msps;
fs =625 Msps; ×2;
BW = fdata /2
fo =19MHz at −1dBFS
I
-
75
-
dBc
SFDRRBW
restricted bandwidth
spurious-free dynamic
range
fs =640 Msps;
4
× interpolation;
fo = 133 MHz at −1 dBFS;
BW = 100 MHz
I-
81
-
dBc
fs =640 Msps;
4
× interpolation;
fo = 133 MHz at −1 dBFS;
BW = 20 Mhz
C-
84
-
dBc
IMD3
third-order
intermodulation
distortion
fo1 =95MHz; fo2 =97MHz;
fs =640 Msps;
4
× interpolation
C
[7] -81
dBc
fo1 = 153.1 MHz;
fo2 = 154.1 MHz;
fs =640 Msps;
4
× interpolation
I
[7] -77
-
dBc
fo1 = 137 MHz;
fo2 = 143 MHz;
fs =640 Msps;
4
× interpolation
C
[7] -80
-
dBc
ACPR
adjacent channel
power ratio
NCO on; 4
× interpolation;
fs =640 Msps; fo = 96 MHz
1 carrier; BW = 5 MHz
C
-
74
-
dBc
2 carriers; BW = 10 MHz
C
-
70
-
dBc
4 carriers; BW = 20 MHz
C
-
68
-
dBc
NCO on; 4
× interpolation;
fs = 640 Msps; fo =133 MHz
1 carrier; BW = 5 MHz
C
-
75
-
dBc
2 carriers; BW = 10 MHz
C
-
71
-
dBc
4 carriers; BW = 20 MHz
C
-
67
-
dBc
Table 5.
Characteristics …continued
VDDA(1V8) =VDDD = 1.7 V to 1.9 V; VDDA(3V3) = 3.13 V to 3.47 V; AGND and GND are shorted together; Tamb = 40 °C to
+85
°C; typical values measured at V
DDA(1V8) =VDDD = 1.8 V; VDDA(3V3) =3.3 V; Tamb =+25 °C; RL =50 Ω; IO(fs) =20mA;
maximum sample rate; PLL off unless otherwise specified.
Symbol
Parameter
Conditions
Test[1]
Min
Typ
Max
Unit


Número de pieza similar - DAC1208D650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
DAC1208D650 IDT-DAC1208D650 Datasheet
629Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1208D650 RENESAS-DAC1208D650 Datasheet
633Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
Integrated Device Techn...
DAC1208D650HN IDT-DAC1208D650HN Datasheet
629Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1208D650HN RENESAS-DAC1208D650HN Datasheet
633Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results

Descripción similar - DAC1208D650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
DAC1008D650 NXP-DAC1008D650 Datasheet
2Mb / 98P
   Dual 10-bit DAC up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 1-1 October 2010
DAC1008D650_1012 NXP-DAC1008D650_1012 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
DAC1208D750 NXP-DAC1208D750 Datasheet
571Kb / 98P
   Dual 12-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-6 December 2010
DAC1008D750 NXP-DAC1008D750 Datasheet
2Mb / 99P
   Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
DAC1408D750 NXP-DAC1408D750 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-2 December 2010
DAC1008D750 NXP-DAC1008D750_11 Datasheet
564Kb / 99P
   Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
logo
Renesas Technology Corp
DAC1208D650 RENESAS-DAC1208D650 Datasheet
633Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
Integrated Device Techn...
DAC1208D650 IDT-DAC1208D650 Datasheet
629Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
NXP Semiconductors
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
DAC1408D650_1011 NXP-DAC1408D650_1011 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Rev. 4-26 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com